Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT125C Datasheet(PDF) 1 Page - Lumins Inc.

Part # NT125C
Description  Ceiling surface mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

NT125C Datasheet(HTML) 1 Page - Lumins Inc.

  NT125C Datasheet HTML 1Page - Lumins Inc. NT125C Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
90
60
30
NT110C
9 1/2”
9 1/2”
NT100C
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
UL. Wet Location.
Certification
Mounting
(Lamps by others)
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
208 V
240 V
277 V
347 V
347 V (To specify)
Smart ballast 120/277
H50
Model#
Voltage
Finish
Options
NT100C
NT110C
NT125C
H.I.D.
COMP. FLUO.
CF (Gx24q)
Single lamp
F118
F126
F132
F142
Luminaires may be altered for design improvements or discontinued without prior notice.
Specification
NAUTILUX
Ceiling surface mount
NT100C . NT110C . NT125C
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated medium base porcelain socket.
- 75W/600V thermoplastic compact fluorescent socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- Closed cast aluminum housing.
2- Semi-specular aluminum reflector, with vertical lamp position
to provide uniform light on the diffuser.
(Side lamp mount for H100 source.)
3- Borosilicate frosted glass diffuser with internal concentric
reinforcement prismatic pattern.
4- Selection of two glass ring and glass shield.
NT100C: One piece cast aluminum cross cage.
NT110C: Full glass lens with cast aluminum retainer ring.
NT125C: One piece heavy cast aluminum star cage.
1
2
3
4
Cross view
Plane view
Max. Max. weight: 19 lbs. Installation: Mounts over a standard
4” octagonal electrical box with 3 1/2” c/c mounting holes.
HPS (ED17)
CF (Gx24q)
Two lamps
F218
F226
F232
INC. (A19)
A100
NT125C
MH (ED17)
M50
For options details and specifications,
please refer to page 72
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
Photometry
L U M I
I
N S
Page
57
Accessories
PC1:
Polycarbonate lens
diffuser. (Max.50W)
SWK:
Surface mount
connection box.
Electrical
EM42S: 1 lamp (26/32/42W)
FS:
Fuse
QS:
Standby lamp socket.
QRS:
H.I.D. lamp restrike
Note: EM optional battery
test switch and pilot lamp are
remotely installed.
Note: 50W.HPS
is available with
120/277V only.


Similar Part No. - NT125C

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
NT125R LUMINIS-NT125R Datasheet
113Kb / 2P
   Wall recessed mount
More results

Similar Description - NT125C

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
   Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
   Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
   Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
   Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
   Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
   Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
   Ceiling mount
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
   Ceiling mount
W1286 LUMINIS-W1286 Datasheet
148Kb / 3P
   Ceiling mount
TG1900 LUMINIS-TG1900 Datasheet
195Kb / 4P
   Ceiling mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com