Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB16RKG01 Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB16RKG01
Description  Short Body Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB16RKG01 Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB16RKG01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKG01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKG01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKG01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKG01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKG01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKG01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKG01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
08-08
Short Body Pushbuttons
Series YB
(15.0) Dia
.591
(18.0) Dia
.709
(5.3)
.209
(3.0)
.118
(0.5)
.020
(10.9)
.429
(7.3)
.288
(24.3)
.957
(9.4)
.370
M15.8 P1
(1.2) x (2.0) Typ
.047 x .079
(0.5) Typ
.020
(2.8) Typ
.110
Latchdown Position
(0.5)
.020
(9.7)
.382
NC
L
- +
COM
36
5
2
14
(6.0)
.236
(11.1)
.437
(3.7)
.146
Rectangular • Snap-in Mounting
Single & Double Pole
Round • Panel Seal
Single & Double Pole
YB25WCKW01-EB
Single pole models do not have terminals 4, 5, & 6.
YB15NKW01-CB
Single pole models do not have terminals 4, 5, & 6.
PANEL THICKNESS & CUTOUTS
Bushing & Panel Seal Mount
Snap-in Mount
(21.0)
.827
(24.0)
.945
(15.0)
.591
(18.0)
.709
(0.5) Typ
.020
(2.8) Typ
.110
(1.2) x (2.0) Typ
.047 x .079
(8.3)
.327
(7.3)
.288
(24.3)
.957
(9.7)
.382
NC
L
- +
COM
36
5
2
14
(6.0)
.236
(11.1)
.437
(3.7)
.146
TYPICAL SWITCH DIMENSIONS
Panel Thickness
.020” ~ .197”
(0.5mm ~ 5.0mm)
Panel Thickness
.039” ~ .138”
(1.0mm ~ 3.5mm)
AT106
Socket Wrench
for Bushing Mounting
Material: Aluminum
with black alumite finish
Note: Overtightening the
mounting nut AT092 may
damage the switch housing.
(57.5)
2.264
(60.0)
2.362
(16.0) Dia
.630
(18.0) Dia
.709
(16.0)
.630
+ 0.2
– 0.0 Dia
(16.0)
.630
+ 0.2
– 0.0 Dia
(1.2) R
.047


Similar Part No. - YB16RKG01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB16RKW01-05-BB NKK-YB16RKW01-05-BB Datasheet
366Kb / 12P
   Short Body Pushbuttons
YB16RKW03-05-BB NKK-YB16RKW03-05-BB Datasheet
366Kb / 12P
   Short Body Pushbuttons
More results

Similar Description - YB16RKG01

ManufacturerPart #DatasheetDescription
logo
GREATECS
YB15SKW01-12-CB GREATECS-YB15SKW01-12-CB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
206Kb / 6P
   Short Body Pushbuttons
YB15SKW01-05-JB NKK-YB15SKW01-05-JB Datasheet
366Kb / 12P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
   Short Body Pushbuttons
YB15CKW01-6F-JB NKK-YB15CKW01-6F-JB Datasheet
754Kb / 12P
   Short Body Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com