Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT15P Datasheet(PDF) 2 Page - Lumins Inc.

Part # SPT15P
Description  Post top
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SPT15P Datasheet(HTML) 2 Page - Lumins Inc.

  SPT15P Datasheet HTML 1Page - Lumins Inc. SPT15P Datasheet HTML 2Page - Lumins Inc. SPT15P Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APC1 -EPA: 0.12
1” X 3” extruded aluminum side pole mounting adaptor.
APA1 - EPA: 0.2
1 5/8” dia. aluminum shepherd style arm, with two extruded 1”X 3”
aluminum side pole adaptor.
APS1 - EPA: 0.15
1 5/8” dia. aluminum shepherd style arm, with two extruded 1”X 3”
aluminum pole adaptor.
ACA5 -EPA: 0.8
1” X 3” extruded aluminum side pole arm mount. 4” O.D X 30” lg.
post top adaptor with a cast aluminum tenon to fit with a 3 3/4” I.D.
pole. 1/2” dia. stainless steel rod support. Extruded arm and all
other parts are painted same color as Luminaire.
ACW5- Wall mount version with independent cast aluminum
mounting plates.
18”
36”
APS1
30”
25 1/2”
Front view
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
luminaires may be altered for design improvements or discontinued without prior notice.
SPARTACUS
Attachment accessories
L U M I
I
N S
-S
15º swivel ceiling mount with 5/8” dia.X36”lg aluminum stem. luminaire
top adaptor allowing to cut stem to length on site.
(Mounts over a standard 4" octagonal box with 3 1/2" C/C holes)
-T1 -1” x 3” extruded aluminum wall mounting straight adaptor with cast
aluminum cover and galvanized steel mounting plate.
-W1 -1 5/8” Dia. shepherd aluminum arm wall mount, with a cast
aluminum wall cover and galvanized steel mounting plate.
-P - Cast aluminum elliptical curved arm. Refer to corresponding
luminaire specification sheet SPT20 & SPT25 for details.
Typical luminaire
Typical luminaire
36”
-S
Ceiling suspension
adaptor.
ACA5
Side pole mount extender
ACW5
Wall mount extender
Option: BL
Twin mount off set
luminaire installation.
Spartacus SPT20 and SPT25 series may be installed in several
positions along the pole. Please provide information with
desired position as shown above.
1) BL (“x”)
“X”
Dimension
2) (P)-Position
(P) Position: 180º
(P) Position: 90º
EX: SPT20-BL36-90
ACA5
Power supply
17 3/4”
ACW5
APA1
APC1
18”
-W1
Wall mount
shepherd
arm
5 1/8”
5 5/8”
4 5/8”
3”
-T1
Wall mount
General note:
SPT20-SPT25 and SPT50 are
designed as luminaire modules
adaptable to various
installation requirements as a
pole ceiling or wall mount.
Please specify the selected
type of attachment with model
number.
(Refer to page 116 for
additional pole mounting
information.)
Page
115
Typical luminaire
Typical luminaire
18”
36”
Step1:
Select distance between
luminaires as shown(X”)
Step2:
Indicate position of
luminaires at 90º or 180º
Important: consider Additional pole lenght required for BL set
mounting.
P
Pole mount
curved arm
BI-LEVEL MOUNTING


Similar Part No. - SPT15P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018 CADEKA-SPT1018 Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1018AIN ETC1-SPT1018AIN Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018AIN CADEKA-SPT1018AIN Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1018BIN ETC1-SPT1018BIN Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
More results

Similar Description - SPT15P

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SPT20 LUMINIS-SPT20 Datasheet
201Kb / 3P
   Post top
W820 LUMINIS-W820 Datasheet
110Kb / 2P
   Post top mount
W614 LUMINIS-W614 Datasheet
191Kb / 4P
   Post top mount
W766 LUMINIS-W766 Datasheet
196Kb / 4P
   Post top mount
W606 LUMINIS-W606 Datasheet
196Kb / 4P
   Post top mount
W905 LUMINIS-W905 Datasheet
16Kb / 1P
   Post top mount
W708 LUMINIS-W708 Datasheet
188Kb / 4P
   Post top mount
W722 LUMINIS-W722 Datasheet
198Kb / 4P
   Post top mount
W768 LUMINIS-W768 Datasheet
187Kb / 4P
   Post top mount
W800 LUMINIS-W800 Datasheet
112Kb / 2P
   Post top mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com