Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT15P Datasheet(PDF) 3 Page - Lumins Inc.

Part # SPT15P
Description  Post top
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SPT15P Datasheet(HTML) 3 Page - Lumins Inc.

  SPT15P Datasheet HTML 1Page - Lumins Inc. SPT15P Datasheet HTML 2Page - Lumins Inc. SPT15P Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
Luminaries may be altered for design improvements or discontinued without prior notice.
SPARTACUS
Poles attachment accessories
L U M I
I
N S
SPT15P
SPT15PF
SPT15P15
SPT20-APC1
SPT20-ACA5
SPT25-APC1
SPT25-ACA5
SPT50-APC1
SPT50-ACA5
SPT20-APS1
SPT20-APA1
SPT25-APS1
SPT25-APA1
SPT50-APS1
SPT50-APA1
SPT20P
SPT25P
Page
116
PXD
pole
style
60”
* Note
PCA
pole
style
PCA
pole
style
PAA
pole
style
* Note:
36” extension with ACA5 attachment
24” extension with APA1 & APC1 attachment
Post side mount with ACA5 attachment accessory
PAA410-APA
PAA412-APA
PAA414-APA
PAA416-APA
PAA418-APA
PAA420-APA
PAA510-APA
PAA512-APA
PAA514-APA
PAA516-APA
PAA518-APA
PAA520-APA
PXD10-APA
PXD12-APA
PXD14-APA
PXD16-APA
PXD18-APA
PXD20-APA
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
PCA12-APA
PCA14-APA
PCA16-APA
Post side mount with APA1 attachment accessory
Post side mount with APC1 attachment accessory
Post top mount with APS1 attachment accessory
PAA410-A
PAA412-A
PAA414-A
PAA416-A
PAA418-A
PAA420-A
PAA510-A1
PAA512-A1
PAA514-A1
PAA516-A1
PAA518-A1
PAA520-A1
PXD10-A
PXD12-A
PXD14-A
PXD16-A
PXD18-A
PXD20-A
PCA10-A
PCA12-A
PCA14-A
PCA16-A
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
4”O.D.
5”O.D.
4”O.D.
4”O.D.
Compatible poles listing.
Pole
height
Mounting
style
PAA510-APC
PAA512-APC
PAA514-APC
PAA516-APC
PAA518-APC
PAA520-APC
PAA410-APC
PAA412-APC
PAA414-APC
PAA416-APC
PAA418-APC
PAA420-APC
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
PCA12-APC
PCA14-APC
PCA16-APC
PXD10-APC
PXD12-APC
PXD14-APC
PXD16-APC
PXD18-APC
PXD20-APC
PAA414-ACA
PAA416-ACA
PAA418-ACA
PAA420-ACA
PAA514-ACA
PAA516-ACA
PAA518-ACA
PAA520-ACA
PXD14-ACA
PXD16-ACA
PXD18-ACA
PXD20-ACA
14 ft
16 ft
18 ft
20 ft
PCA14-ACA
PCA16-ACA
For poles details and specification, please refer to pages 140 to 144
OAL pole height
12-14 or 16ft.
Post top
mount
4”
PEX
pole
style
PAA510-A2
PAA512-A2
PAA514-A2
PAA516-A2
PAA518-A2
PAA520-A2
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
Post top mount
PAA410-A
PAA412-A
PAA414-A
PAA416-A
PAA418-A
PAA420-A
PCA14-A
PCA16-A
PXD10-A
PXD12-A
PXD14-A
PXD16-A
PXD18-A
PXD20-A
Note:
PAA4 series
PCA
PXD
Poles
up to 175W
luminaires
PAA5 series
up to 250W
luminaires
-APC1
Mounting
-APA1
Mounting
-APS1
Mounting
-ACA5
Mounting


Similar Part No. - SPT15P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018 CADEKA-SPT1018 Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1018AIN ETC1-SPT1018AIN Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1018AIN CADEKA-SPT1018AIN Datasheet
552Kb / 11P
   18-BIT, HIGH SPEED D/A CONVERTER
logo
List of Unclassifed Man...
SPT1018BIN ETC1-SPT1018BIN Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
More results

Similar Description - SPT15P

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SPT20 LUMINIS-SPT20 Datasheet
201Kb / 3P
   Post top
W820 LUMINIS-W820 Datasheet
110Kb / 2P
   Post top mount
W614 LUMINIS-W614 Datasheet
191Kb / 4P
   Post top mount
W766 LUMINIS-W766 Datasheet
196Kb / 4P
   Post top mount
W606 LUMINIS-W606 Datasheet
196Kb / 4P
   Post top mount
W905 LUMINIS-W905 Datasheet
16Kb / 1P
   Post top mount
W708 LUMINIS-W708 Datasheet
188Kb / 4P
   Post top mount
W722 LUMINIS-W722 Datasheet
198Kb / 4P
   Post top mount
W768 LUMINIS-W768 Datasheet
187Kb / 4P
   Post top mount
W800 LUMINIS-W800 Datasheet
112Kb / 2P
   Post top mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com