Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU15M Datasheet(PDF) 1 Page - Leshan Radio Company

Part # GBU15M
Description  Bridge rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

GBU15M Datasheet(HTML) 1 Page - Leshan Radio Company

  GBU15M Datasheet HTML 1Page - Leshan Radio Company GBU15M Datasheet HTML 2Page - Leshan Radio Company GBU15M Datasheet HTML 3Page - Leshan Radio Company GBU15M Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
.This series is UL listed under the Recognized
Component index,file number E231047
.Single-in-line package
.High current capality with small package
.Superior thermal conductivity
.High temperature soldering guaranted:
260℃/10 seconds
.High I
FSM
Product Characteristic
Item
Symbol GBU15A GBU15B GBU15D GBU15G GBU15J GBU15K GBU15M Unit
Maximum repetitive voltage
VRM
50
100
200
400
600
800
1000
V
Maximum DC reverse current TA=25℃
at rated DC blocking voltage TA=125℃
Average recified forward current 60Hz sine
wave,R-load with heatsink Tc=100℃
(1)(2)
Peak forward surge current 10.0 ms single half
sine-wave superimposed on rated load
Dielectric strength Terminals to case,
AC 1 minute Current 1mA
Maximum instantaneous forward voltage at 7.5A
VF
V
Operating junction temperature
Tj
Storage temperature
Tstg
Notes:(1)Unit case mounted on Al plate heat-sink
(2) Unites mounted on P.C.B. without heat-sink
(3)Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat
transfer with #6 screw{heat-sink size:10.5*10.5*0.3cm)
IR
5
µA
500
Io
15
A
IFSM
250
A
Vdia
2.5
KV
1.1
150
-55~150
LESHAN RADIO COMPANY, LTD.
1/4
We declare that the material of product
compliance with RoHS requirements.
Feature
Bridge rectifiers
G BU15 Series


Similar Part No. - GBU15M

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
GBU15M BILIN-GBU15M Datasheet
106Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBU15M MCC-GBU15M Datasheet
206Kb / 3P
   15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
GBU15M MCC-GBU15M Datasheet
151Kb / 3P
   15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
logo
GeneSiC Semiconductor, ...
GBU15M GENESIC-GBU15M Datasheet
334Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
SeCoS Halbleitertechnol...
GBU15M SECOS-GBU15M Datasheet
373Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results

Similar Description - GBU15M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com