Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB26WCKG03 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB26WCKG03
Description  Short Body Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB26WCKG03 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB26WCKG03 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB26WCKG03 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB26WCKG03 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB26WCKG03 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB26WCKG03 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB26WCKG03 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB26WCKG03 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB26WCKG03 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
08-08
Short Body Pushbuttons
Series YB
PANEL SEAL
CONTACT MATERIALS & RATINGS
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Switch is marked with NC, NO, COM, L+, L–.
SP
YB15
*YB16
ON
ON
(ON)
ON
1-3
1-2
SPDT
DP
YB25
*YB26
ON
ON
(ON)
ON
1-3 4-6
1-2 4-5
DPDT
No Code
Without Panel Seal
W
G
W
* When in latchdown position for the alternate circuit, cap position is .020” (0.5mm) above the built-in bezel.
POLES & CIRCUITS
HOUSING
Silver Contacts
Gold Contacts
Power Level
3A @ 125/250V AC
Logic Level
0.4VA max. @ 28V AC/DC max.
K Black
Housing available in black only. The 1-piece body and bezel-barrier have a matte finish.
Complete explanation of operating range in Supplement section.
With Panel Seal
Bushing
Mounting
only
Bushing
Mounting
Snap-in
Mounting
Supplied with
mounting nut.
S
C Round
Square
R Rectangular
M
N Rectangular
Round
K Square
Bezel-barrier is an integral part of the switch body.
SHAPES & MOUNTING TYPES
4
6
1
32
5
(COM)
1
32
(COM)
Bushing Mounting
Snap-in Mounting
Supplied with
mounting nut
and o-ring AT089.


Similar Part No. - YB26WCKG03

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB26WCKW01-05-BB NKK-YB26WCKW01-05-BB Datasheet
366Kb / 12P
   Short Body Pushbuttons
logo
GREATECS
YB26WCKW01-12-EB GREATECS-YB26WCKW01-12-EB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
YB26WCKW03-05-BB NKK-YB26WCKW03-05-BB Datasheet
366Kb / 12P
   Short Body Pushbuttons
More results

Similar Description - YB26WCKG03

ManufacturerPart #DatasheetDescription
logo
GREATECS
YB15SKW01-12-CB GREATECS-YB15SKW01-12-CB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
206Kb / 6P
   Short Body Pushbuttons
YB15SKW01-05-JB NKK-YB15SKW01-05-JB Datasheet
366Kb / 12P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
   Short Body Pushbuttons
YB15CKW01-6F-JB NKK-YB15CKW01-6F-JB Datasheet
754Kb / 12P
   Short Body Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com