Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101-214-02 Datasheet(PDF) 3 Page - Marl International Limited

Part # 101-214-02
Description  PCB MOUNTING LEDs - 횠 2mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

101-214-02 Datasheet(HTML) 3 Page - Marl International Limited

  101-214-02 Datasheet HTML 1Page - Marl International Limited 101-214-02 Datasheet HTML 2Page - Marl International Limited 101-214-02 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DERATING INFORMATION
ALSO AVAILABLE
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2008 : DS 056/07 Issue 3
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
101-000-02-52
Green
10mA
101-000-20-50
Red
5/6Vdc
101-000-20-51
Yellow
5/6Vdc
101-000-20-52
Green
5/6Vdc
101-203-20-50
Red
5/6Vdc
101-205-00-50
Red
2mA
101-205-01
Red
2mA
101-205-02-50
Red
10mA
101-205-04
Red
20mA
101-205-20-2
Red
5/6Vdc
101-205-20-25
Red
5/6Vdc
101-205-20-50
Red
5/6Vdc
101-205-21-24
Red
12Vdc
101-205-22
Red
24Vdc
101-205-30
Red
5/6Vdc RP
101-211-00-50
Yellow
5/6Vdc
101-211-01
Yellow
2mA
101-211-02-50
Yellow
10mA
101-211-04
Yellow
20mA
101-211-20-2
Yellow
5/6Vdc
101-211-20-50
Yellow
5/6Vdc
101-211-30
Yellow
5/6Vdc RP
101-214-00-50
Green
5/6Vdc
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
101-214-01
Green
2mA
101-214-03
Green
17mA
101-214-04
Green
20mA
101-214-20-2
Green
5/6Vdc
101-214-20-50
Green
5/6Vdc
101-224-01
Red
2mA
UNITS
Part numbers also available in the 101 Series:
205, 211 & 214
BS EN ISO 9001:2000
Approved Manufacturer
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.


Similar Part No. - 101-214-02

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
101-2 HELLERMANNTYTON-101-2 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 101-214-02

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
142-205-02 MARL-142-205-02 Datasheet
296Kb / 3P
   PCB MOUNTING LEDs - 횠 2mm
122-305-04 MARL-122-305-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-305-04 MARL-123-305-04 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
103-305-04 MARL-103-305-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
151-535-04 MARL-151-535-04 Datasheet
128Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
108-505-04 MARL-108-505-04 Datasheet
278Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
104-505-04 MARL-104-505-04 Datasheet
228Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
107-305-04 MARL-107-305-04 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
125-505-04 MARL-125-505-04 Datasheet
171Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
124-305-04 MARL-124-305-04 Datasheet
190Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com