Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2SC2884U Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2884U
Description  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2884U Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2884U Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2884U Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2884U Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 03/01/2008
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC2884U
NPN Silicon Epitaxial Planar Transistor
for audio frequency amplifier applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
35
V
Collector Emitter Voltage
VCEO
30
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
800
mA
Collector Power Dissipation
PC
500
mW
Junction Temperature
TJ
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 100 mA
Current Gain Group
at VCE = 1 V, IC = 700 mA
O
Y
hFE
hFE
hFE
100
160
35
-
-
-
200
320
-
-
-
-
Collector Base Cutoff Current
at VCB = 35 V
ICBO
-
-
0.1
µA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
-
0.1
µA
Collector Base Breakdown Voltage
at IC = 100 µA
V(BR)CBO
35
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
30
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 µA
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at IC = 500 mA, IB = 20 mA
VCE(sat)
-
-
0.5
V
Base Emitter On Voltage
at VCE = 1 V, IC = 10 mA
VBE(on)
0.5
-
0.8
V
Transition Frequency
at VCE = 5 V, IC = 10 mA
fT
-
120
-
MHz
Output Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
13
-
pF


Similar Part No. - ST2SC2884U

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC2001 SEMTECH_ELEC-ST2SC2001 Datasheet
128Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2SC2002 SEMTECH_ELEC-ST2SC2002 Datasheet
120Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
   High-frequency Amplifier Transistor
ST2SC2120 SEMTECH_ELEC-ST2SC2120 Datasheet
213Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
ST2SC2310 SEMTECH_ELEC-ST2SC2310 Datasheet
240Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC2884U

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com