Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB15WMKG03 Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB15WMKG03
Description  Short Body Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB15WMKG03 Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB15WMKG03 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB15WMKG03 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB15WMKG03 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB15WMKG03 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB15WMKG03 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB15WMKG03 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB15WMKG03 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB15WMKG03 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
08-08
Short Body Pushbuttons
Series YB
(45.0) Min*
1.772
(16.0) Dia
.630
(24.0) Min
.945
* Minimum dimension allows opening of cover to 180ϒ
AT4175
(23.4)
.921
(23.9)
.941
(12.5)
.492
(29.2)
1.150
(5.2)
.205
(23.2)
.913
(5.9)
.232
(16.2)
.638
180ϒ
OPTIONAL ACCESSORIES
Dust/Splash Cover
Protective Guard
AT4072 Protective Guard
Opens 90°
Closes manually
Materials:
Lid: Polycarbonate
Base: Glass Fiber
Reinforced Polycarbonate
Spring Loaded Protective Guard
AT4175 Spring Loaded
Protective Guard
Opens 180°
Closes automatically
Materials:
Lid: Polycarbonate
Base: Glass Fiber Reinforced Polyamide
Coil Spring: Stainless Steel
Dust Covers and Protective Guards reduce depth of switch behind panel by .047” (1.2mm).
Panel Thickness Range with Dust Cover or Protective Guards:
Bushing Mounting
.020” ~ .150” (0.5mm ~ 3.8mm)
Snap-in Mounting
.020” ~ .091” (0.5mm ~ 2.3mm)
Panel Seal
.020” ~ .118” (0.5mm ~ 3.0mm)
AT4115 Dust Cover
for Snap-in
or Bushing Mount
AT4115 Splash Cover
and AT541 O-ring
for Bushing Mount
Materials:
Lid: Polyvinyl Chloride
Base: Polyamide
O-ring: Nitrile butadiene rubber
(20.0) Dia
.787
(16.0) Dia
.630
(0.5)
.020
(12.5)
.492
(16.0) Dia
.630
(1.2)
.047
(11.4)
.449
Assembled
Bezel Height
(23.9)
.941
(23.4)
.921
(12.0)
.472
(16.0) Dia
.630
(1.2)
.047
(6.6)
.260
(11.2)
.441
(1.2)
.047
Assembled
Cap Height
(23.9)
.941
(22.9)
.902
AT541
AT541
AT4115
AT089
Note: AT089 o-ring supplied
with panel seal model.
Dust Cover
Splash Cover
AT4115
AT4115
Snap-in Mount
Panel Seal


Similar Part No. - YB15WMKG03

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB15WMKW01-05-BB NKK-YB15WMKW01-05-BB Datasheet
366Kb / 12P
   Short Body Pushbuttons
YB15WMKW03-05-BB NKK-YB15WMKW03-05-BB Datasheet
366Kb / 12P
   Short Body Pushbuttons
More results

Similar Description - YB15WMKG03

ManufacturerPart #DatasheetDescription
logo
GREATECS
YB15SKW01-12-CB GREATECS-YB15SKW01-12-CB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
206Kb / 6P
   Short Body Pushbuttons
YB15SKW01-05-JB NKK-YB15SKW01-05-JB Datasheet
366Kb / 12P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
   Short Body Pushbuttons
YB15CKW01-6F-JB NKK-YB15CKW01-6F-JB Datasheet
754Kb / 12P
   Short Body Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com