Selected language     English  ▼


W005M Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part No. W005M
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 1 page
background image
Dated : 07/01/2009 B
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
W005M THRU W10M
SILICON BRIDGE RECTIFIERS
Reverse Voltage – 50 to 1000 V
Forward Current – 1.5 A
Features
Rating to 1000 V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
• Glass passivated chip junction
Mechanical Data
Case: WOB, Molded plastic
Polarity: As marked on Body
Absolute Maximum Ratings and Characteristics
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
.
Parameter
Symbols W005M
W01M
W02M
W04M
W06M
W08M
W10M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Output Current
at TC = 50 OC
IF(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single Half-
Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
50
A
Maximum Instantanous Forward Voltage at 1 A
VF
1
V
Maximum Reverse Current
TA = 25 OC
at Rated DC Blocking Voltage
TA = 125 OC
IR
5
0.5
µA
mA
Operating Junction Temperature Range
TJ
- 55 to + 125
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BR8005SILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
KBU8005SILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
RS501SILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
KBU801Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RB2002.0 A SILICON BRIDGE RECTIFIERS 1 2 Pan Jit International Inc.
KBJ15005SILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
KBU4ASILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
BR10WSILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
DT25C0025 AMP SILICON BRIDGE RECTIFIERS 1 DIOTEC Electronics Corporation
DB2500P25 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl