Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L74VHC1G32 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # L74VHC1G32
Description  2-Input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1G32 Datasheet(HTML) 4 Page - Leshan Radio Company

  L74VHC1G32 Datasheet HTML 1Page - Leshan Radio Company L74VHC1G32 Datasheet HTML 2Page - Leshan Radio Company L74VHC1G32 Datasheet HTML 3Page - Leshan Radio Company L74VHC1G32 Datasheet HTML 4Page - Leshan Radio Company L74VHC1G32 Datasheet HTML 5Page - Leshan Radio Company L74VHC1G32 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
L74VHC1G32
Figure 4. Switching Waveforms
*Includes all probe and jig capacitance
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION
Device Nomenclature
L74VHC1G32DFT1
L
74
VHC1G
32
DF
T1
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
L74VHC1G32DFT2
L
74
VHC1G
32
DF
T2
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
L74VHC1G32DFT4
L
74
VHC1G
32
DF
T4
SC–70/SC–88A/
330 mm (13 in)
SOT–353
10,000 Unit
L74VHC1G32DTT1
L
74
VHC1G
32
DT
T1
SOT–23/TSOPS/
178 mm (7 in)
SC–59
3000 Unit
L74VHC1G32DTT3
L
74
VHC1G
32
DT
T3
SOT–23/TSOPS/
330 mm (13 in)
SC–59
10,000 Unit
Device
Order Number
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape &
Reel
Suffix
Package Type
(Name/SOT#/
Common Name)
Tape and
Reel Size
4/6


Similar Part No. - L74VHC1G32

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G00 LRC-L74VHC1G00 Datasheet
183Kb / 6P
   2?밒nput NAND Gate
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G02 LRC-L74VHC1G02 Datasheet
182Kb / 6P
   2-Input NOR Gate
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
L74VHC1G04 LRC-L74VHC1G04 Datasheet
180Kb / 6P
   Inverter
More results

Similar Description - L74VHC1G32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com