Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV3401 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1SV3401
Description  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1SV3401 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1SV3401 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1SV3401 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 10/05/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1SV3401
SILICON EPITAXIAL PLANAR DIODE
Band Switching Diode
For VHF band switching applications
Marking Code: JC
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
35
V
Forward Power Dissipation
PD
200
mW
Junction Temperature
Tj
125
O
C
Storage Temperature Range
Ts
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Voltage
at IR = 10 μA
VR
35
-
V
Reverse Current
at VR = 25 V
IR
-
0.1
μA
Total Capacitance
at VR = 20 V, f = 1 MHz
CT
-
1
pF
Series Resistance
at IF = 10 mA, f = 100 MHz
rs
-
0.7
1
3
2


Similar Part No. - 1SV3401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV302 TOSHIBA-1SV302 Datasheet
86Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
logo
Guangdong Kexin Industr...
1SV302 KEXIN-1SV302 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Zhaoxingwei Electronics...
1SV302 ZHAOXINGWEI-1SV302 Datasheet
44Kb / 1P
   Silicon Epitaxial Planar Diode
logo
NXP Semiconductors
1SV302;TT;SOD-323 PHILIPS-1SV302;TT;SOD-323 Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
logo
Toshiba Semiconductor
1SV303 TOSHIBA-1SV303 Datasheet
84Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
More results

Similar Description - 1SV3401

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com