Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L74VHC1GT02 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # L74VHC1GT02
Description  2-Input NOR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L74VHC1GT02 Datasheet(HTML) 3 Page - Leshan Radio Company

  L74VHC1GT02 Datasheet HTML 1Page - Leshan Radio Company L74VHC1GT02 Datasheet HTML 2Page - Leshan Radio Company L74VHC1GT02 Datasheet HTML 3Page - Leshan Radio Company L74VHC1GT02 Datasheet HTML 4Page - Leshan Radio Company L74VHC1GT02 Datasheet HTML 5Page - Leshan Radio Company L74VHC1GT02 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
DC ELECTRICAL CHARACTERISTICS
V CC
T A = 25°C
T A < 85°C –55°C<TA<125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
V IH
Minimum High–Level
V
Input Voltage
3.0
1.4
1.4
1.4
4.5
2.0
2.0
2.0
5.5
2.0
2.0
2.0
V IL
Maximum Low–Level
V
Input Voltage
3.0
0.53
0.53
0.53
4.5
0.8
0.8
0.8
5.5
0.8
0.8
0.8
V OH
Minimum High–Level
V IN = V IH or V IL
V
Output Voltage
I OH = – 50
µA
3.0
2.9
3.0
2.9
2.9
V IN = V IH or V IL
4.5
4.4
4.0
4.4
4.4
V IN = V IH or V IL
I OH = –4 mA
3.0
2.58
2.48
2.34
I OH = –8 mA
4.5
3.94
3.80
3.66
V OL
Maximum Low–Level
V IN = V IH or V IL
V
Output Voltage
I OL = 50
µA
3.0
0.0
0.1
0.1
0.1
V IN = V IH or V IL
4.5
0.0
0.1
0.1
0.1
V IN = V IH or V IL
I OL = 4 mA
3.0
0.36
0.44
0.52
I OL = 8 mA
4.5
0.36
0.44
0.52
I IN
Maximum Input
V IN = 5.5 V or GND
0 to5.5
±
0.1
±
1.0
±
1.0
µA
Leakage Current
I CC
Maximum Quiescent
V IN = V CC or GND
5.5
2.0
20
40
µA
Supply Current
I CCT
Quiescent Supply
Input: V IN = 3.4 V
5.5
1.35
1.50
1.65
mA
Current
I OPD
Output Leakage
V OUT = 5.5 V
0.0
0.5
5.0
10
µA
Current
L74VHC1GT02
6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without
load. Average operating current can be obtained by the equation: I CC(OPR) = C PD • V CC • f in + I CC
. C
PD is used to determine the no–
load dynamic power consumption; P D = C PD • V CC 2 • f in + I CC • V CC .
AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns
T A = 25°C
T A < 85°C –55°C<TA <125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max Unit
t PLH ,
Maximum
V CC = 3.3± 0.3 V
C L = 15 pF
4.0
10.0
11.0
13.0
ns
t PHL
Propagation Delay,
C L = 50 pF
5.8
13.5
15.0
17.5
Input A or B to Y
V CC = 5.0± 0.5 V C L = 15 pF
3.0
6.7
7.5
8.5
C L = 50 pF
3.8
7.7
8.5
9.5
C IN
Maximum Input
5.5
10
10
10
pF
Capacitance
Typical @ 25°C, V CC = 5.0 V
C PD
Power Dissipation Capacitance (Note 6)
11
pF
3/6


Similar Part No. - L74VHC1GT02

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT1 LRC-L74VHC1GT00DFT1 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT4 LRC-L74VHC1GT00DFT4 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT1 LRC-L74VHC1GT00DTT1 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT3 LRC-L74VHC1GT00DTT3 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results

Similar Description - L74VHC1GT02

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT00 ETL-MC74VHC1GT00 Datasheet
577Kb / 4P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
MC74VHC1GT86 ETL-MC74VHC1GT86 Datasheet
578Kb / 4P
   2-Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_07 Datasheet
73Kb / 6P
   Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
logo
Renesas Technology Corp
HD74LV1GT02A RENESAS-HD74LV1GT02A Datasheet
102Kb / 7P
   2-input NOR Gate / CMOS Logic Level Shifter
logo
E-Tech Electronics LTD
MC74VHC1GT02 ETL-MC74VHC1GT02 Datasheet
558Kb / 4P
   2-Input NOR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02 Datasheet
188Kb / 8P
   2-Input NOR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
E-Tech Electronics LTD
MC74VHC1GT50 ETL-MC74VHC1GT50 Datasheet
575Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
76Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
July, 2001??Rev. 3
logo
Leshan Radio Company
L74VHC1GT04 LRC-L74VHC1GT04 Datasheet
372Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com