Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB16NBKW036B Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB16NBKW036B
Description  Low Profile Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB16NBKW036B Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB16NBKW036B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB16NBKW036B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB16NBKW036B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB16NBKW036B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB16NBKW036B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB16NBKW036B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB16NBKW036B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB16NBKW036B Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB16NBKW036B Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Pushbuttons
Series UB
MOUNTING TYPES & SHAPES
TERMINALS
CONTACT MATERIALS & RATINGS
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Notes:
Switch is marked with NC, NO, COM, L+ & L–.
Lamp circuit is isolated and requires an external
power source.
SP
UB15
*UB16
ON
ON
(ON)
ON
1-3
1-2
SPDT
DP
UB25
*UB26
ON
ON
(ON)
ON
1-3 4-6
1-2 4-5
DPDT
PCB Mounting
SK Square
Single Pole
Double Pole
Rectangular
Single Pole
Double Pole
Snap-in Mounting (Solder Lug)
KK Square
with Built-in Bezel
NK Rectangular
with Built-in Bezel
NBK
Rectangular with Built-in
Side Barriers
Snap-in Mounting with Solder Lug terminals is the standard combination. Panel Thickness: .039 ~ .126” (1.0 ~ 3.2mm)
Silver Contacts
Power Level
5A @ 125V AC & 250V AC
Gold Contacts
Logic Level
0.4VA maximum @ 28V AC/DC maximum
W
G
01
03
Solder Lug
Straight PC
RK
* When in latchdown position for the alternate circuit, cap position is .039” (1.0mm) above the housing.
(+)
(-)
(+)
(-)
(7.62) Typ
.300
(10.16)
.400
CL
L -
L +
3
2
1
(2.54) Typ
.100
(1.2) Dia Typ
.047
6
5
4
(7.62)
.300
(10.16)
.400
CL
L -
L +
3
2
1
(2.54) Typ
.100
(1.2) Dia Typ
.047
(5.08)
.200
(10.16)
.400
CL
L -
L +
3
2
1
(2.54) Typ
.100
(1.2) Dia Typ
.047
(5.08) Typ
.200
(10.16)
.400
CL
L -
L +
3
2
1
(2.54) Typ
.100
(1.2) Dia Typ
.047
6
5
4
(16.2) Sq
.638
(22.4)
.882
(16.2)
.638
(0.2)
.008
(5.0)
.197
(2.0)
.079
(1.6)
.063
(0.8)
.032
Thk = (0.5)
.020
(0.2)
.008
(4.0)
.157
(1.0)
.039
Thk = (0.5)
.020
4
6
1
3
2
5
COM
COM
NC
NC
NO
NO
1
3
2
COM
NO
NC
POLES & CIRCUITS
Complete explanation of operating range in Supplement section.


Similar Part No. - UB16NBKW036B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB16NBKW035C-CB NKK-UB16NBKW035C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB16NBKW035C-CB NKK-UB16NBKW035C-CB Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB16NBKW035C-CC NKK-UB16NBKW035C-CC Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB16NBKW035C-CD NKK-UB16NBKW035C-CD Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB16NBKW035C-CF NKK-UB16NBKW035C-CF Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
More results

Similar Description - UB16NBKW036B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com