Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV245ANS Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LV245ANS
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV245ANS Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV245ANS Datasheet HTML 1Page - Texas Instruments SN74LV245ANS Datasheet HTML 2Page - Texas Instruments SN74LV245ANS Datasheet HTML 3Page - Texas Instruments SN74LV245ANS Datasheet HTML 4Page - Texas Instruments SN74LV245ANS Datasheet HTML 5Page - Texas Instruments SN74LV245ANS Datasheet HTML 6Page - Texas Instruments SN74LV245ANS Datasheet HTML 7Page - Texas Instruments SN74LV245ANS Datasheet HTML 8Page - Texas Instruments SN74LV245ANS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54LV245A, SN74LV245A
OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCLS382N − SEPTEMBER 1997 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN54LV245A
SN74LV245A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = −50 µA
2 V to 5.5 V
VCC−0.1
VCC−0.1
VOH
IOH = −2 mA
2.3 V
2
2
V
VOH
IOH = −8 mA
3 V
2.48
2.48
V
IOH = −16 mA
4.5 V
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
VOL
IOL = 2 mA
2.3 V
0.4
0.4
V
VOL
IOL = 8 mA
3 V
0.44
0.44
V
IOL = 16 mA
4.5 V
0.55
0.55
II
Control inputs
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
µA
IOZ
A or B port
VO = VCC or GND
5.5 V
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
5
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
3
3
pF
Ci
Control inputs
VI = VCC or GND
5 V
3
3
pF
Cio
A or B port
VO = VCC or GND
3.3 V
5.5
5.5
pF
Cio
A or B port
VO = VCC or GND
5 V
5.5
5.5
pF
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV245A
SN74LV245A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
B or A
8.3*
13*
1*
15*
1
15
ten
OE
A or B
CL = 15 pF
11.8*
19.9*
1*
22*
1
22
ns
tdis
OE
A or B
CL = 15 pF
11.8*
18.1*
1*
20*
1
20
ns
tpd
A or B
B or A
11.2
15.9
1
18
1
18
ten
OE
A or B
CL = 50 pF
14.1
22.7
1
26
1
26
ns
tdis
OE
A or B
CL = 50 pF
17.6
23.1
1
25
1
25
ns
tsk(o)
2
2
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV245A
SN74LV245A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
B or A
5.9*
8.4*
1*
10*
1
10
ten
OE
A or B
CL = 15 pF
8.2*
13.2*
1*
15.5*
1
15.5
ns
tdis
OE
A or B
CL = 15 pF
9.6*
16.5*
1*
19.5*
1
19.5
ns
tpd
A or B
B or A
7.9
11.9
1
13.5
1
13.5
ten
OE
A or B
CL = 50 pF
9.9
16.7
1
19
1
19
ns
tdis
OE
A or B
CL = 50 pF
13.9
19.8
1
22
1
22
ns
tsk(o)
1.5
1.5
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV245ANS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV245ANSR TI-SN74LV245ANSR Datasheet
929Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LV245ANSR TI-SN74LV245ANSR Datasheet
2Mb / 37P
[Old version datasheet]   SN74LV245A Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV245ANSR TI-SN74LV245ANSR Datasheet
2Mb / 40P
[Old version datasheet]   SN74LV245A Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV245ANSR TI-SN74LV245ANSR Datasheet
2Mb / 39P
[Old version datasheet]   SN74LV245A Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN74LV245ANSRG4 TI-SN74LV245ANSRG4 Datasheet
929Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV245ANS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com