Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127-511-01-52 Datasheet(PDF) 3 Page - Marl International Limited

Part # 127-511-01-52
Description  PCB MOUNTING LEDs - 횠 5mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

127-511-01-52 Datasheet(HTML) 3 Page - Marl International Limited

  127-511-01-52 Datasheet HTML 1Page - Marl International Limited 127-511-01-52 Datasheet HTML 2Page - Marl International Limited 127-511-01-52 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALSO AVAILABLE
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 074/07 Issue 2
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NO.
COLOUR
VOLTAGE DC
SPACER
(Vdc) Vopr
HEIGHT (mm)
127-505-01-52
Red
2mA
9.5
127-505-04
Red
20mA
5
127-505-04-50
Red
20mA
9.5
127-505-04-55
Red
20mA
15.9
127-505-04-56
Red
20mA
19.1
127-511-01-52
Yellow
2mA
9.5
127-511-04-50
Yellow
20mA
9.5
127-511-04-55
Yellow
20mA
15.9
127-511-04-56
Yellow
20mA
19.1
127-514-01-52
Green
2mA
9.5
127-514-04-50
Green
20mA
9.5
127-514-04-51
Green
20mA
4.8
127-514-04-52
Green
20mA
6.4
127-514-04-55
Green
20mA
15.9
127-514-04-56
Green
20mA
19.1
127-523-01-51
Red
2mA
6.4
127-523-01-55
Red
2mA
19.1
127-524-01-69
Yellow
2mA
19.1
127-525-01-50
Green
2mA
6.4
127-525-01-62
Green
2mA
19.1
127-530-04-55
Red/Green Bi-colour
20mA
15.9
UNITS
VDC
Part numbers also available in the 127 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.


Similar Part No. - 127-511-01-52

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
Glenair, Inc.
127-130-06BBS GLENAIR-127-130-06BBS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BNS GLENAIR-127-130-06BNS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BSS GLENAIR-127-130-06BSS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BTS GLENAIR-127-130-06BTS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
More results

Similar Description - 127-511-01-52

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
151-535-04 MARL-151-535-04 Datasheet
128Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
108-505-04 MARL-108-505-04 Datasheet
278Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
154-501-04 MARL-154-501-04 Datasheet
153Kb / 1P
   PCB MOUNTING LEDs - 횠 5mm
106-505-04 MARL-106-505-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
104-505-04 MARL-104-505-04 Datasheet
228Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
125-505-04 MARL-125-505-04 Datasheet
171Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-505-04 MARL-110-505-04 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
122-305-04 MARL-122-305-04 Datasheet
215Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
123-305-04 MARL-123-305-04 Datasheet
246Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
103-305-04 MARL-103-305-04 Datasheet
231Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com