Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

201-998-13-38 Datasheet(PDF) 1 Page - Marl International Limited

Part # 201-998-13-38
Description  FILAMENT REPLACEMENT LEDs - T1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

201-998-13-38 Datasheet(HTML) 1 Page - Marl International Limited

  201-998-13-38 Datasheet HTML 1Page - Marl International Limited 201-998-13-38 Datasheet HTML 2Page - Marl International Limited 201-998-13-38 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
201-301-04-38
Red
Water Clear
1.9
20
900
660
-40 ~ +85^
-40 ~ +85
Yes
201-325-04-38
Yellow
Water Clear
2.1
20
4300
590
-30 ~ +85^
-40 ~ +120
Yes
201-324-04-38
Green
Water Clear
3.5
20
7800
525
-30 ~ +85^
-40 ~ +100
Yes
201-934-04-38
Blue
Water Clear
3.6
20
2300
470
-30 ~ +85^
-40 ~ +100
Yes
201-998-04-38
Cool White
Water Clear
3.6
20
4600
*see below
-30 ~ +85^
-40 ~ +100
Yes
UNITS
Vdc
mA
mcd
nm
0
C
0
C
Direct replacement for T1 Sub Midget Flange SX3s
Reverse polarity options
Fits professional and military stylepush buttons
Centre contact Anode as standard
FILAMENT REPLACEMENT LEDs - T1
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
201 SERIES
PACK QUANTITY = 20 PIECES
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 063/06 Issue 3
Page 1 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
HIGH INTENSITY
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs.
Appropriate LED numbers shown. - Refer to page 3.
998
*Typical emission colour cool white
x
0.296 0.283
0.330 0.330
y
0.276 0.305
0.339 0.318


Similar Part No. - 201-998-13-38

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
201-910-0360G ETC2-201-910-0360G Datasheet
5Mb / 93P
   Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
logo
Winchester Electronics ...
201-910-0360H WINCHESTER-201-910-0360H Datasheet
54Kb / 1P
   RDM CABLE PLUG
logo
List of Unclassifed Man...
201-910-0630G ETC2-201-910-0630G Datasheet
5Mb / 93P
   Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
logo
Winchester Electronics ...
201-910-0630G WINCHESTER-201-910-0630G Datasheet
53Kb / 1P
   RDM STRAIGHT RECEPTACLE
201-910-0630G WINCHESTER-201-910-0630G Datasheet
53Kb / 1P
   RDM STRAIGHT RECEPTACLE
More results

Similar Description - 201-998-13-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
202-301-21-38 MARL-202-301-21-38 Datasheet
247Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1
207-501-21-38 MARL-207-501-21-38 Datasheet
257Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1 쩐
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
209-501-21-38_1312 MARL-209-501-21-38_1312 Datasheet
271Kb / 5P
   filament replacement leds
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com