Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

209-993-22-38 Datasheet(PDF) 1 Page - Marl International Limited

Part # 209-993-22-38
Description  FILAMENT REPLACEMENT LEDs - T5.5SB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

209-993-22-38 Datasheet(HTML) 1 Page - Marl International Limited

  209-993-22-38 Datasheet HTML 1Page - Marl International Limited 209-993-22-38 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
209-993-22-38
Warm White
Water Clear
24
20
9200
*
-30 ~ +85^
-40 ~ +100
Yes
209-993-23-38
Warm White
Water Clear
28
16
9200
*
-30 ~ +85^
-40 ~ +100
Yes
209-993-24-38
Warm White
Water Clear
48
10
9200
*
-30 ~ +85^
-40 ~ +100
Yes
209-993-53-38
Warm White
Water Clear
50
8
9200
*
-30 ~ +85^
-40 ~ +100
Yes
UNITS
Vdc
mA
mcd
nm
0
C
0
C
Direct replacement for T5.5SB
Ideal for industrial pushbutton switches and
annunciator panels
Durable to shock and vibration
Warm white LEDs may be used behind coloured lens as
a true replacement for a filament lamp.
FILAMENT REPLACEMENT LEDs - T5.5SB
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
209 SERIES
PACK QUANTITY = 20 PIECES
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 003/07 Issue 1
Page 1 of 2
HIGH INTENSITY
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.
993
*Typical emission colour warm white
x
0.426 0.439
0.497 0.477
y
0.400 0.431
0.446 0.413
^ = Products must be derated according to the derating
information. Each derating graph refers to specific LEDs.
993
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International Limited reserve the right to alter without notice the specification or any conditions of supply
for products or service.


Similar Part No. - 209-993-22-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
209-993-22-38 MARL-209-993-22-38 Datasheet
271Kb / 5P
   Direct replacement for T5.5 Slide Base
More results

Similar Description - 209-993-22-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
209-501-21-38 MARL-209-501-21-38 Datasheet
263Kb / 3P
   FILAMENT REPLACEMENT LEDs - T5.5SB
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
209-501-21-38_1312 MARL-209-501-21-38_1312 Datasheet
271Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com