Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

203-325-21-51 Datasheet(PDF) 3 Page - Marl International Limited

Part # 203-325-21-51
Description  FILAMENT REPLACEMENT LEDs - T1쩌
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

203-325-21-51 Datasheet(HTML) 3 Page - Marl International Limited

  203-325-21-51 Datasheet HTML 1Page - Marl International Limited 203-325-21-51 Datasheet HTML 2Page - Marl International Limited 203-325-21-51 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 091/06 Issue 3
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
DERATING INFORMATION
301
325
324, 934 & 998
203 Series
Part numbers also available in the 203 Series:
The products listed above illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
203-301-20-25 Red
5/6Vdc
203-301-20-38 Red
5/6Vdc
203-301-22
Red
24Vdc
203-301-22-38 Red
24Vdc
203-301-23-50 Red
28Vdc
203-301-42-38 Red
15Vdc
203-301-42-50 Red
15Vdc
203-302-23
Red
28Vdc
203-303-21
Red
12Vdc
203-303-21-38 Red
12Vdc
203-303-23-38 Red
28Vdc
203-305-20-38 Red
5/6Vdc
203-305-22
Red
24Vdc
203-309-20-25 Yellow
5/6Vdc
203-309-20-38 Yellow
5/6Vdc
203-309-23-38 Yellow
28Vdc
203-312-20-38 Green
5/6Vdc
203-312-21-38 Green
12Vdc
203-312-23-38 Green
28Vdc
203-313-20-38 Green
5/6Vdc
203-313-22-38 Green
24Vdc
203-314-22-38 Green
24Vdc
UNITS
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
203-317-23-38 Green
28Vdc
203-324-04-38 Green
20mA
203-324-20-25 Green
5/6Vdc
203-324-20-38 Green
5/6Vdc
203-324-22-38 Green
24Vdc
203-324-23
Green
28Vdc
203-324-23-50 Green
28Vdc
203-324-24-38 Green
48Vdc
203-324-42-38 Green
15Vdc
203-325-20-38 Yellow
5/6Vdc
203-325-21-51 Yellow
12Vdc
203-325-22-38 Yellow
24Vdc
203-325-24-38 Yellow
48Vdc
203-325-42-38 Yellow
15Vdc
203-934-04-38 Blue
20mA
203-934-20-38 Blue
5/6Vdc
203-934-22-38 Blue
24Vdc
203-934-23
Blue
28Vdc
203-934-23-50 Blue
28Vdc
203-934-24-38 Blue
48Vdc
203-998-04-38 White
20mA
203-998-20-38 White
5/6Vdc
UNITS
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
203-998-22-38 White
24Vdc
203-998-24-38 White
48Vdc
UNITS


Similar Part No. - 203-325-21-51

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
203-325-21-38 ETC2-203-325-21-38 Datasheet
271Kb / 3P
   FILAMENT REPLACEMENT LEDs
More results

Similar Description - 203-325-21-51

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
209-501-21-38_1312 MARL-209-501-21-38_1312 Datasheet
271Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
210-501-21-38_1312 MARL-210-501-21-38_1312 Datasheet
290Kb / 5P
   filament replacement leds
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com