Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT03C82 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BZT03C82
Description  SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZT03C82 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BZT03C82 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZT03C82 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZT03C82 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BZT03C82 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 06/02/2007
E
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZT03C…
SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
Feature
• High maximum operating temperature
• Low Leakage current
• Excellent stability
Mechanical Data
• Case: DO-41 molded plastic
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Axial lead solderable per MIL-STD-202,
method 208 guaranteed
• Polarity: Color band denotes cathode end
• Mounting position: Any
Absolute Maximum Ratings (Ta = 25 OC unless otherwise specified)
Parameter
Symbol
Value
Unit
Total Power Dissipation
Ttp = 25 OC, lead length 10 mm
Tamb = 45 OC, PCB mounted
Ptot
3.25
1.3
W
Non-repetitive Peak Reverse Power Dissipation
(10 / 1000 µs exponential pulse, Tj = 25 OC prior to surge)
PRSM
300
W
Non-repetitive Peak Reverse Power Dissipation
(tp = 100 µs, square pulse, Tj = 25 OC prior to surge)
PZSM
600
W
Forward Voltage (IF = 0.5 A, Tj = 25 OC )
VF
1.2
V
Junction Temperature Range
TJ
- 65 to + 175
O
C
Storage Temperature Range
Tstg
- 65 to + 175
O
C
Thermal Characteristics
Parameter
Symbol
Value
Unit
Thermal Resistance from Junction to Tie-point
(Lead length = 10 mm)
Rthj-tp
46
K/W
Thermal Resistance from Junction to Ambient
1)
Rthj-a
100
K/W
1) Device mounted on an epoxy-glass printed circuit board, 1.5 mm thick, thickness of Cu-layer ≥ 40 µm on an must space


Similar Part No. - BZT03C82

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C82 VISHAY-BZT03C82 Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZT03C82 NJSEMI-BZT03C82 Datasheet
268Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Galaxy Semi-Conductor H...
BZT03C82 BILIN-BZT03C82 Datasheet
182Kb / 4P
   ZENER DIODES
logo
Vishay Siliconix
BZT03C82 VISHAY-BZT03C82 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03C82 VISHAY-BZT03C82 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results

Similar Description - BZT03C82

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C VISHAY-BZT03C Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
Frontier Electronics.
BZT03C6V2 FRONTIER-BZT03C6V2 Datasheet
142Kb / 4P
   SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
BZT03D VISHAY-BZT03D Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03D VISHAY-BZW03D Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C VISHAY-BZW03C Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
Shanghai Leiditech Elec...
5KP5.0A LEIDITECH-5KP5.0A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SA5.0 LEIDITECH-SA5.0 Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
SMDJ200A LEIDITECH-SMDJ200A Datasheet
793Kb / 5P
   Transient Voltage Suppressors Diodes
P6KE6.8A LEIDITECH-P6KE6.8A Datasheet
1Mb / 5P
   Transient Voltage Suppressors Diodes
5KP200A LEIDITECH-5KP200A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com