Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPD27 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ZPD27
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZPD27 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ZPD27 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZPD27 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZPD27 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 23/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ZPD1...ZPD75
Characteristics
(Ta = 25 OC unless otherwise noted)
Zener Voltage Range
1)
Max. Dynamic Resistance
Admissible Zener Current
2)
lZT for
VZT
rZJT
rZJK
at IZK
Type
VZnom
V
mA
V
mA
Min. Reverse
Voltage
at IR = 100 nA
VR (V)
at Ta = 45 OC
IZ (mA)
at Ta = 25 OC
IZ (mA)
ZPD1
3)
-
5
0.7…0.8
8
50
1
-
280
340
ZPD2V7
2.7
5
2.5...2.9
83
500
1
-
135
160
ZPD3V0
3.0
5
2.8...3.2
95
500
1
-
117
140
ZPD3V3
3.3
5
3.1...3.5
95
500
1
-
109
130
ZPD3V6
3.6
5
3.4...3.8
95
500
1
-
101
120
ZPD3V9
3.9
5
3.7...4.1
95
500
1
-
92
110
ZPD4V3
4.3
5
4...4.6
95
500
1
-
85
100
ZPD4V7
4.7
5
4.4...5
78
500
1
-
76
90
ZPD5V1
5.1
5
4.8...5.4
60
480
1
0.8
67
80
ZPD5V6
5.6
5
5.2...6
40
400
1
1
59
70
ZPD6V2
6.2
5
5.8...6.6
10
200
1
2
54
64
ZPD6V8
6.8
5
6.4...7.2
8
150
1
3
49
58
ZPD7V5
7.5
5
7...7.9
7
50
1
5
44
53
ZPD8V2
8.2
5
7.7...8.7
7
50
1
6
40
47
ZPD9V1
9.1
5
8.5...9.6
10
50
1
7
36
43
ZPD10
10
5
9.4...10.6
15
70
1
7.5
33
40
ZPD11
11
5
10.4...11.6
20
70
1
8.5
30
36
ZPD12
12
5
11.4...12.7
20
90
1
9
28
32
ZPD13
13
5
12.4...14.1
25
110
1
10
25
29
ZPD15
15
5
13.8...15.6
30
110
1
11
23
27
ZPD16
16
5
15.3...17.1
40
170
1
12
20
24
ZPD18
18
5
16.8...19.1
50
170
1
14
18
21
ZPD20
20
5
18.8...21.2
50
220
1
15
17
20
ZPD22
22
5
20.8...23.3
55
220
1
17
16
18
ZPD24
24
5
22.8...25.6
80
220
1
18
13
16
ZPD27
27
5
25.1...28.9
80
250
1
20
12
14
ZPD30
30
5
28...32
80
250
1
22.5
10
13
ZPD33
33
5
31...35
80
250
1
25
9
12
ZPD36
36
5
34...38
90
250
1
27
9
11
ZPD39
39
5
37...41
90
300
1
29
8
10
ZPD43
43
5
40...46
100
700
1
32
7
9.2
ZPD47
47
5
44...50
100
750
1
35
6
8.5
ZPD51
51
5
48...54
100
750
1
38
6
7.8
ZPD56
56
2.5
52…60
135
1000
0.5
42
5.2
7.1
ZPD62
62
2.5
58…66
150
1000
0.5
47
4.8
6.4
ZPD68
68
2.5
64…72
200
1000
0.5
51
4.1
5.8
ZPD75
75
2.5
70..79
250
1500
0.5
55
3.9
5.3
1) Tested with pulses t
p = 20 ms.
2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
3) The ZPD1 is a silicon diode operated in forward direction. Hence, the subscript of all parameter should be "F" instead
of "Z". Connect the cathode terminal to the negative pole.


Similar Part No. - ZPD27

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZPD27 SEMTECH-ZPD27 Datasheet
248Kb / 3P
   SILICON PLANAR ZENER DIODES?
logo
New Jersey Semi-Conduct...
ZPD27 NJSEMI-ZPD27 Datasheet
89Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
ZPD27 CHENYI-ZPD27 Datasheet
107Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
ZPD27 DIOTEC-ZPD27 Datasheet
133Kb / 3P
   Silicon Planar Zener Diodes
logo
Diodes Incorporated
ZPD27 DIODES-ZPD27 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
More results

Similar Description - ZPD27

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com