Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD101B Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # SD101B
Description  SILICON SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SD101B Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  SD101B Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SD101B Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 23/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
Typical forward conduction curve
of combination Schottky barrier
and PN junction guard ring
100
80
60
40
0
0
0.5
1V
0
100
30
50V
VR
I R
Typical variation of reverse current
at various temperatures
mA
A
10
1
0.1
5
2
0.01
0
0
20
50V
pF
1
2
CT
Typical capacitance curve as a
function of reverse voltage
VR
0.01
0.1
0
0.5
1V
mA
1
10
I F
SD101
Typical variation of fwd. current
vs. fwd. voltage for primary conduction
through the Schottky barrier
5
2
VF
5
2
5
2
A
B
C
20
I F
VF
A
B
C
10
20
40
5
2
5
2
5
2
150 C
o
125 C
o
100 C
o
75 C
o
50 C
o
25 C
o
10
30
40
C
A
B
Tj=25 C
o
SD101
SD101
SD101
SD101A (1N6263)...SD101C


Similar Part No. - SD101B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD101B SEMTECH-SD101B Datasheet
179Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications
logo
Jinan Jingheng (Group) ...
SD101B JINANJINGHENG-SD101B Datasheet
95Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Diodes Incorporated
SD101B DIODES-SD101B Datasheet
57Kb / 2P
   SCHOTTKY BARRIER DIODE
DS11008 Rev. I-2
logo
Micro Commercial Compon...
SD101B MCC-SD101B Datasheet
322Kb / 4P
   Small Signal Schottky Diodes
logo
General Semiconductor
SD101B GE-SD101B Datasheet
107Kb / 3P
   Schottky Diodes
More results

Similar Description - SD101B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD101 ONSEMI-MBD101 Datasheet
82Kb / 4P
   SILICON SCHOTTKY BARRIER DIODES
1997
logo
SEMTECH ELECTRONICS LTD...
SD103A SEMTECH_ELEC-SD103A Datasheet
121Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
MCL103A SEMTECH_ELEC-MCL103A Datasheet
190Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
BAS81 SEMTECH_ELEC-BAS81 Datasheet
185Kb / 3P
   SILICON SCHOTTKY BARRIER DIODES
MCL101A SEMTECH_ELEC-MCL101A Datasheet
174Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
LL101A SEMTECH_ELEC-LL101A Datasheet
171Kb / 3P
   SILICON SCHOTTKY BARRIER DIODES
LL103A SEMTECH_ELEC-LL103A Datasheet
203Kb / 4P
   SILICON SCHOTTKY BARRIER DIODES
logo
Rectron Semiconductor
RB521S-40 RECTRON-RB521S-40 Datasheet
128Kb / 2P
   SILICON EXPITAXIAL SCHOTTKY BARRIER DIODES
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
Zetex Semiconductors
ZUMD54 ZETEX-ZUMD54 Datasheet
64Kb / 2P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com