Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB16RKG03N-G Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB16RKG03N-G
Description  Distinctive Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB16RKG03N-G Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB16RKG03N-G Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKG03N-G Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKG03N-G Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKG03N-G Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKG03N-G Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKG03N-G Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKG03N-G Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB16RKG03N-G Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
TERMINALS
01 Solder Lug (for
Snap-in Mounting)
03 Straight PC
MOUNTING TYPES
PCB Mounting
SK
Square
RK
Rectangular
* Snap-in Mounting
KK
Square
NK Rectangular
NBK Rectangular with
Side Barriers
* Standard with Solder
Lug terminals
POLES
1
SPDT
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
1
SK
G
03
N
UB
Red Cap
SPDT ON-(ON) Circuit
Straight PC Terminals
Gold Contacts with 0.4VA Rating
Square with PCB Mounting
C
CIRCUITS
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
CONTACTS & RATINGS
W Silver Rated 5A
@ 125/250V AC
G
Gold Rated 0.4VA max
@ 28V AC/DC max
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
UB15SKG03N-C
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
CAP COLORS
Note: Insert Cap with
clear lens and
colored filter
available;
see Illuminated
Pushbuttons
section
IMPORTANT:
Switches are supplied without UL, C-UL, & CSA
markings unless specified. Specific models &
ratings noted on General Specifications page.


Similar Part No. - UB16RKG03N-G

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB16RKG035C NKK-UB16RKG035C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB16RKG035C-CB NKK-UB16RKG035C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB16RKG035C-CB NKK-UB16RKG035C-CB Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB16RKG035C-CC NKK-UB16RKG035C-CC Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB16RKG035C-CD NKK-UB16RKG035C-CD Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
More results

Similar Description - UB16RKG03N-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com