Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB721Q-40 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SB721Q-40
Description  Silicon Epitaxial Planar Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SB721Q-40 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SB721Q-40 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SB721Q-40 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SB721Q-40
Silicon Epitaxial Planar Schottky Barrier Diode
Applications
• High speed switching
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
40
V
Reverse Voltage
VR
40
V
Mean Rectifying Current
IO
30
mA
Peak Forward Surge Current
IFSM
200
mA
Junction Temperature
TJ
125
O
C
Storage Temperature Range
Tstg
- 40 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 1 mA
VF
-
-
0.37
V
Reverse Current
at VR = 25 V
IR
-
-
0.5
μA
Reverse Voltage
at IR = 10 μA
VR
40
-
-
V
Capacitance between Terminals
at VR = 1 V, f = 1 MHz
CT
-
2
-
pF
Max. 2.9
Max. 1.9
Glass Case DO-34
Max. 0.45
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black


Similar Part No. - SB721Q-40

ManufacturerPart #DatasheetDescription
logo
GREATECS
SB7 GREATECS-SB7 Datasheet
701Kb / 1P
   Miniature THT Slide Switches
logo
NXP Semiconductors
SB70 PHILIPS-SB70 Datasheet
59Kb / 8P
   Schottky barrier diode
1998 Jul 16
SB70 NXP-SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
ABC Taiwan Electronics ...
SB7030100ML ABC-SB7030100ML Datasheet
2Mb / 7P
   SMD POWER INDUCTOR
SB7030101KL ABC-SB7030101KL Datasheet
2Mb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SB721Q-40

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SDB720WS SEMTECH_ELEC-SDB720WS Datasheet
172Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB425D SEMTECH_ELEC-SB425D Datasheet
119Kb / 1P
   Silicon Epitaxial Planar Schottky Barrier Diode
RB751V-40 SEMTECH_ELEC-RB751V-40 Datasheet
125Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB491D SEMTECH_ELEC-SB491D Datasheet
145Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
RB161L-40 SEMTECH_ELEC-RB161L-40 Datasheet
165Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
SHIKUES Electronics
BAT54XV2 SKTECHNOLGY-BAT54XV2 Datasheet
389Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
RB521S-30 SEMTECH_ELEC-RB521S-30 Datasheet
187Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDA06WS SEMTECH_ELEC-SDA06WS Datasheet
129Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
BAT378W SEMTECH_ELEC-BAT378W Datasheet
167Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
First Silicon Co., Ltd
RB521S-30 FS-RB521S-30 Datasheet
274Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com