Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4099 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 1N4099
Description  SILICON PLANAR LOW NOISE ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4099 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  1N4099 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4099 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N4099 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 20/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N4099…1N4135
Characteristics at Ta = 25 OC
Zener Voltage Range
3)
Maximum Zener
Impedance
2)
Maximum Reverse Leakage Current
Maximum Zener
Current
Type
VZnom
1)
V
lZT
µA
ZZT
IR
µA
VR
V
IZM
mA
1N4099
6.8
250
200
10
5.17
56
1N4100
7.5
250
200
10
5.7
51
1N4101
8.2
250
200
1
6.24
46
1N4102
8.7
250
200
1
6.61
44
1N4103
9.1
250
200
1
6.92
42
1N4104
10
250
200
1
7.6
38
1N4105
11
250
200
0.05
8.44
35
1N4106
12
250
200
0.05
9.12
32
1N4107
13
250
200
0.05
9.87
29
1N4108
14
250
200
0.05
10.65
27
1N4109
15
250
100
0.05
11.4
25
1N4110
16
250
100
0.05
12.15
24
1N4111
17
250
100
0.05
12.92
22
1N4112
18
250
100
0.05
13.67
21
1N4113
19
250
150
0.05
14.44
20
1N4114
20
250
150
0.01
15.2
19
1N4115
22
250
150
0.01
16.72
17
1N4116
24
250
150
0.01
18.25
16
1N4117
25
250
150
0.01
19
15
1N4118
27
250
150
0.01
20.45
14
1N4119
28
250
200
0.01
21.28
14
1N4120
30
250
200
0.01
22.8
13
1N4121
33
250
200
0.01
25.08
12
1N4122
36
250
200
0.01
27.38
11
1N4123
39
250
200
0.01
29.65
9.8
1N4124
43
250
250
0.01
32.65
8.9
1N4125
47
250
250
0.01
35.75
8.1
1N4126
51
250
300
0.01
38.76
7.5
1N4127
56
250
300
0.01
42.6
6.7
1N4128
60
250
400
0.01
45.6
6.4
1N4129
62
250
500
0.01
47.1
6.1
1N4130
68
250
700
0.01
51.68
5.6
1N4131
75
250
700
0.01
57
5.1
1N4132
82
250
800
0.01
62.32
4.6
1N4133
87
250
1000
0.01
66.12
4.4
1N4134
91
250
1200
0.01
69.16
4.2
1N4135
100
250
1500
0.01
76
3.8
1) The type numbers shown above have a standard tolerance of ±5% on the nominal Zener voltage. Also available in 2%
and 1% tolerance, suffix C and D respectively. VZ is measured with the diode in thermal equilibrium in 25 OC still air.
2) Zener impedance is derived by superimposing on I
ZT, a 60 Hz rms a.c. current equal to 10% of IZT (25 μA a.c.).
3) Tested with pulses tp = 20 ms.


Similar Part No. - 1N4099

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4099 CDI-DIODE-1N4099 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4099 MCC-1N4099 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4099 KNOX-1N4099 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4099 MICROSEMI-1N4099 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4099 MICROSEMI-1N4099 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Similar Description - 1N4099

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
Renesas Technology Corp
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
logo
Microsemi Corporation
1N4099 MICROSEMI-1N4099 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4099-1 MICROSEMI-1N4099-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com