Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5222 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 1N5222
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N5222 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  1N5222 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N5222 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N5222 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 13/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N5220...1N5281
Zener Voltage Range
Maximum Zener Impedance
1)
Maximum Reverse
Leakage Current
Temp. Coefficient
of Zener Voltage
VZnom
3)
lZT
rZJT
rZJK
at IZK
IR
2)
at VR
TKVZ
Type
V
mA
mA
µA
V
%/K
1N5220
2.2
20
30
1150
0.25
100
1
<-0.085
1N5221
2.4
20
30
1200
0.25
100
1
<-0.085
1N5222
2.5
20
30
1250
0.25
100
1
<-0.085
1N5223
2.7
20
30
1300
0.25
75
1
<-0.080
1N5224
2.8
20
30
1400
0.25
75
1
<-0.080
1N5225
3
20
29
1600
0.25
50
1
<-0.075
1N5226
3.3
20
28
1600
0.25
25
1
<-0.070
1N5227
3.6
20
24
1700
0.25
15
1
<-0.065
1N5228
3.9
20
23
1900
0.25
10
1
<-0.060
1N5229
4.3
20
22
2000
0.25
5
1
<-0.055
1N5230
4.7
20
19
1900
0.25
5
2
<
±0.030
1N5231
5.1
20
17
1600
0.25
5
2
<
±0.030
1N5232
5.6
20
11
1600
0.25
5
3
<+0.038
1N5233
6
20
7
1600
0.25
5
3.5
<+0.038
1N5234
6.2
20
7
1000
0.25
5
4
<+0.045
1N5235
6.8
20
5
750
0.25
3
5
<+0.050
1N5236
7.5
20
6
500
0.25
3
6
<+0.058
1N5237
8.2
20
8
500
0.25
3
6.5
<+0.062
1N5238
8.7
20
8
600
0.25
3
6.5
<+0.065
1N5239
9.1
20
10
600
0.25
3
7
<+0.068
1N5240
10
20
17
600
0.25
3
8
<+0.075
1N5241
11
20
22
600
0.25
2
8.4
<+0.076
1N5242
12
20
30
600
0.25
1
9.1
<+0.077
1N5243
13
9.5
13
600
0.25
0.5
9.9
<+0.079
1N5244
14
9
15
600
0.25
0.1
10
<+0.082
1N5245
15
8.5
16
600
0.25
0.1
11
<+0.082
1N5246
16
7.8
17
600
0.25
0.1
12
<+0.083
1N5247
17
7.4
19
600
0.25
0.1
13
<+0.084
1N5248
18
7
21
600
0.25
0.1
14
<+0.085
1N5249
19
6.6
23
600
0.25
0.1
14
<+0.086
1N5250
20
6.2
25
600
0.25
0.1
15
<+0.086
1N5251
22
5.6
29
600
0.25
0.1
17
<+0.087
1N5252
24
5.2
33
600
0.25
0.1
18
<+0.088
1N5253
25
5
35
600
0.25
0.1
19
<+0.089
1N5254
27
4.6
41
600
0.25
0.1
21
<+0.090
1N5255
28
4.5
44
600
0.25
0.1
21
<+0.091
1N5256
30
4.2
49
600
0.25
0.1
23
<+0.091
1N5257
33
3.8
58
700
0.25
0.1
25
<+0.092
1N5258
36
3.4
70
700
0.25
0.1
27
<+0.093
1N5259
39
3.2
80
800
0.25
0.1
30
<+0.094
1N5260
43
3
93
900
0.25
0.1
33
<+0.095
1N5261
47
2.7
105
1000
0.25
0.1
36
<+0.095
1N5262
51
2.5
125
1100
0.25
0.1
39
<+0.096
1N5263
56
2.2
150
1300
0.25
0.1
43
<+0.096
1N5264
60
2.1
170
1400
0.25
0.1
46
<+0.097
1N5265
62
2
185
1400
0.25
0.1
47
<+0.097
1N5266
68
1.8
230
1600
0.25
0.1
52
<+0.097


Similar Part No. - 1N5222

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5222 SEME-LAB-1N5222 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
EIC discrete Semiconduc...
1N5222 EIC-1N5222 Datasheet
122Kb / 2P
   ZENER DIODES
logo
Semtech Corporation
1N5222 SEMTECH-1N5222 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N5222 MCC-1N5222 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Shanghai Lunsure Electr...
1N5222 CHENYI-1N5222 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N5222

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com