Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4759 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 1N4759
Description  SILICON PLANAR POWER ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4759 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  1N4759 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4759 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N4759 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 1N4759 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 12/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1N4727...1N4764
Zener Voltage
Range
3), 5)
Maximum Zener Impedance
1)
Maximum Reverse
Leakage Current
Maximum Surge
Current
4)
VZnom
lZT
rZJT
rZJK
at IZK
IR
at VR
at Ta = 25 OC
Maximum
Regulator
Current
2)
Type
V
mA
mA
µA
V
IZSM (mA)
IZM (mA)
1N4727
3
83
10
400
1
150
1
1375
275
1N4728
3.3
76
10
400
1
150
1
1375
275
1N4729
3.6
69
10
400
1
100
1
1260
252
1N4730
3.9
64
9
400
1
100
1
1190
234
1N4731
4.3
58
9
400
1
50
1
1070
217
1N4732
4.7
53
8
500
1
10
1
970
193
1N4733
5.1
49
7
550
1
10
1
890
178
1N4734
5.6
45
5
600
1
10
2
810
162
1N4735
6.2
41
2
700
1
10
3
730
146
1N4736
6.8
37
3.5
700
1
10
4
660
133
1N4737
7.5
34
4
700
0.5
10
5
605
121
1N4738
8.2
31
4.5
700
0.5
10
6
550
110
1N4739
9.1
28
5
700
0.5
10
7
500
100
1N4740
10
25
7
700
0.25
10
7.6
454
91
1N4741
11
23
8
700
0.25
5
8.4
414
83
1N4742
12
21
9
700
0.25
5
9.1
380
76
1N4743
13
19
10
700
0.25
5
9.9
344
69
1N4744
15
17
14
700
0.25
5
11.4
304
61
1N4745
16
15.5
16
700
0.25
5
12.2
285
57
1N4746
18
14
20
750
0.25
5
13.7
250
50
1N4747
20
12.5
22
750
0.25
5
15.2
225
45
1N4748
22
11.5
23
750
0.25
5
16.7
205
41
1N4749
24
10.5
25
750
0.25
5
18.2
190
38
1N4750
27
9.5
35
750
0.25
5
20.6
170
34
1N4751
30
8.5
40
1000
0.25
5
22.8
150
30
1N4752
33
7.5
45
1000
0.25
5
25.1
135
27
1N4753
36
7
50
1000
0.25
5
27.4
125
25
1N4754
39
6.5
60
1000
0.25
5
29.7
115
23
1N4755
43
6
70
1500
0.25
5
32.7
110
22
1N4756
47
5.5
80
1500
0.25
5
35.8
95
19
1N4757
51
5
95
1500
0.25
5
38.8
90
18
1N4758
56
4.5
110
2000
0.25
5
42.6
80
16
1N4759
62
4
125
2000
0.25
5
47.1
70
14
1N4760
68
3.7
150
2000
0.25
5
51.7
65
13
1N4761
75
3.3
175
2000
0.25
5
56
60
12
1N4762
82
3
200
3000
0.25
5
62.2
55
11
1N4763
91
2.8
250
3000
0.25
5
69.2
50
10
1N4764
100
2.5
350
3000
0.25
5
76
45
9
1) The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal
to 10% of the Zener Current (IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure
a sharp knee on the breakdown curve and to eliminate unstable units.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
3) Measured under thermal equilibrium and DC test conditions.
4) The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square
wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current IZT.
5) Tested with pulses tp = 20 ms.


Similar Part No. - 1N4759

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
1N4759 BYTESONIC-1N4759 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
logo
Surge Components
1N4759 SURGE-1N4759 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4759 SSC-1N4759 Datasheet
173Kb / 3P
   Zener Diodes
logo
Diode Semiconductor Kor...
1N4759 DSK-1N4759 Datasheet
400Kb / 3P
   ZENER DIODES
logo
Semtech Corporation
1N4759 SEMTECH-1N4759 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Similar Description - 1N4759

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com