Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

234-521-22 Datasheet(PDF) 1 Page - Marl International Limited

Part # 234-521-22
Description  FILAMENT REPLACEMENT LEDs - MULTI-LED CLUSTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

234-521-22 Datasheet(HTML) 1 Page - Marl International Limited

  234-521-22 Datasheet HTML 1Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telephone +44 (0)1229 582430 • Fax: +44 (0)1229 585155 email: sales@marl.co.uk website: www.marl.co.uk website: www.marl-leds.com
FILAMENT REPLACEMENT LEDs - MULTI-LED CLUSTER
MLQ = 25
Dimensions in mm (Typical)
Scale 1:1
234 SERIES
LEDs
Direct replacement
for BA15d
Bi-polar
Moulded housing
for ease of handling
and installation
Side emitting
product suitable for
tower lights
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
VIEWING
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
ANGLE
TEMP
TEMP
Vopr
lopr
lv@20mA
λp
Topr
Tstg
HIGH INTENSITY
234-501-22
Red
24
40
2750
660
234-521-22
Yellow
24
40
4500
590
234-532-22
Green
Water Clear
24
40
6000
525
Wide
-40~+85
-40~+85
234-930-22
Blue
24
40
2000
470
234-997-22
White
24
40
3000
UNITS
Vdc
mA
mcd
nm
°C
°C
HIGH INTENSITY
Colour indicator sealed within product denotes LED colour .
• = Typical emission colour: x=0.31, y=0.32. Colour temperature 8000K.
Intensities (Iv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to a single unmodified discrete LED.
ISO 9001: 1994 APPROVED
Section 2; Fil.Rep.LEDs for pdf
19/1/00
1:08 pm
Page 40


Similar Part No. - 234-521-22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
234-100-H2 GLENAIR-234-100-H2 Datasheet
248Kb / 1P
   Box Mount Hermetic Receptacle
234-100-H5 GLENAIR-234-100-H5 Datasheet
253Kb / 1P
   Solder Mount Hermetic Receptacle
234-100-H7 GLENAIR-234-100-H7 Datasheet
255Kb / 1P
   Jam Nut Mount Hermetic Receptacle
234-100-H8 GLENAIR-234-100-H8 Datasheet
250Kb / 1P
   Weld Mount Hermetic Receptacle
logo
Everlight Electronics C...
234-10GD EVERLIGHT-234-10GD Datasheet
104Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - 234-521-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217-501-76-62 MARL-217-501-76-62 Datasheet
140Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-532-93-50 MARL-246-532-93-50 Datasheet
185Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
216-501-22-65 MARL-216-501-22-65 Datasheet
211Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
218-501-22-65 MARL-218-501-22-65 Datasheet
253Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-501-87-38 MARL-246-501-87-38 Datasheet
153Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-501-93-38 MARL-246-501-93-38 Datasheet
175Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
217-501-22-65 MARL-217-501-22-65 Datasheet
260Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
231-501-21 MARL-231-501-21 Datasheet
262Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
225-501-21 MARL-225-501-21 Datasheet
259Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
245-501-93-38 MARL-245-501-93-38 Datasheet
190Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com