Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

218-501-23-65 Datasheet(PDF) 1 Page - Marl International Limited

Part # 218-501-23-65
Description  FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

218-501-23-65 Datasheet(HTML) 1 Page - Marl International Limited

  218-501-23-65 Datasheet HTML 1Page - Marl International Limited 218-501-23-65 Datasheet HTML 2Page - Marl International Limited 218-501-23-65 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
AC/DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
218-501-22-65
Red
Water Clear
24 Vdc
75
11000
643
-40 ~ +95^
-40 ~ +100
Yes
218-521-22-65
Yellow
Water Clear
24 Vdc
75
16000
591
-40 ~ +95^
-40 ~ +100
Yes
218-532-22-65
Green
Water Clear
24 Vdc
75
23000
527
-40 ~ +95^
-40 ~ +100
Yes
218-930-22-65
Blue
Water Clear
24 Vdc
75
7000
470
-40 ~ +95^
-40 ~ +100
Yes
218-997-22-65
Cool White
Water Clear
24 Vdc
75
14000
*See below -40 ~ +95^
-40 ~ +100
Yes
218-501-75-65
Red
Water Clear
110 Vac
22
11000
643
-40 ~ +95^
-40 ~ +100
Yes
218-521-75-65
Yellow
Water Clear
110 Vac
22
16000
591
-40 ~ +95^
-40 ~ +100
Yes
218-532-75-65
Green
Water Clear
110 Vac
22
23000
527
-40 ~ +95^
-40 ~ +100
Yes
218-930-75-65
Blue
Water Clear
110 Vac
22
7000
470
-40 ~ +95^
-40 ~ +100
Yes
218-997-75-65
Cool White
Water Clear
110 Vac
22
14000
*See below -40 ~ +95^
-40 ~ +100
Yes
UNITS
mA
mcd
nm
0
C
0
C
Direct replacement for E26 (North American Standard)
20 LED Cluster
BA22 (UK) and E27 (Europe) versions also available
Optional polycarbonate lens
FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
HIGH INTENSITY
218 SERIES
PACK QUANTITY = 1 PIECE
© MARL INTERNATIONAL LTD 2008 : DS 008/08 Issue 1
Page 1 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
^ = Products must be derated according to the derating information. Each derating graph refers to
specific LEDs. Appropriate LED numbers shown. - Refer to page 3.
997
*Typical emission colour cool white
x
0.296 0.283
0.330 0.330
y
0.276 0.305
0.360 0.318
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.


Similar Part No. - 218-501-23-65

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
218-501-23-65 MARL-218-501-23-65 Datasheet
231Kb / 4P
   Direct replacement for E26 (North American Standard)
More results

Similar Description - 218-501-23-65

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217-501-76-62 MARL-217-501-76-62 Datasheet
140Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-532-93-50 MARL-246-532-93-50 Datasheet
185Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
216-501-22-65 MARL-216-501-22-65 Datasheet
211Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-501-87-38 MARL-246-501-87-38 Datasheet
153Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
246-501-93-38 MARL-246-501-93-38 Datasheet
175Kb / 2P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
217-501-22-65 MARL-217-501-22-65 Datasheet
260Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
234-501-22 MARL-234-501-22 Datasheet
246Kb / 1P
   FILAMENT REPLACEMENT LEDs - MULTI-LED CLUSTER
231-501-21 MARL-231-501-21 Datasheet
262Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
225-501-21 MARL-225-501-21 Datasheet
259Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
245-501-93-38 MARL-245-501-93-38 Datasheet
190Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com