Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB580 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # SB580
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SB580 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  SB580 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SB580 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 19/05/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SB520 THRU SB5A0
TJ=TJ MAX 8.3mm Single half
sine wave (JEDEC method)
Number of cycles at 60Hz
1
0
150
100
50
10
Maximum non-repetitive peak
forward surge current
100
Tj=25 C
Tj=75 C
Percent of rated peak reverse voltage, %
0.01
0.001
0
40
0.1
1
100
80
SB520-SB540
SB550-SB5A0
Tj=125 C
Typical reverse characteristics
20
10
TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
100
0.1
1
SB520-SB540
SB550-SB5A0
1000
4000
10
100
Tj=25 C
f=1MHz
Vsig=50mvp p
t, PULSE DURATION,sec.
0.1
0.01
0.1
1
10
100
TYPICAL TRANSIENT THERMAL IMPEDANCE
1
10
100
Tj=25 C
Instantaneous forward voltage,V
0.01
0
0.1
0.4
0.8
1.2
1.6
SB520-SB540
SB550-SB5A0
Pulse width=300 S
1% Duty Cycle
Typical instantaneous forward
characteristics
Tj=125 C
1
10
50
Tj=150 C
4
SB520-SB540
SB550-SB5A0
Resistive or
inductive load
Lead Temperature ( C)
0
0
1
2
3
150
100
50
Forward Current Derating Curve
5


Similar Part No. - SB580

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB580 PANJIT-SB580 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Zibo Seno Electronic En...
SB580 ZSELEC-SB580 Datasheet
125Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
logo
Gulf Semiconductor
SB580 GULFSEMI-SB580 Datasheet
251Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 5.0A
logo
DONGGUAN YOU FENG WEI E...
SB580 YFWDIODE-SB580 Datasheet
74Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Transys Electronics
SB580 TRSYS-SB580 Datasheet
165Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB580

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com