Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER307 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # HER307
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HER307 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  HER307 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HER307 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 12/04/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HER301 THRU HER308
HIGH EFFICIENCY RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 3.0 Amperes
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
Void-free Plastic in DO-201AD package.
3.0 amperes operation at Ta = 55 oC with no
thermal runaway
Ultra Fast switching for high efficiency.
Mechanical Data
Case: Molded plastic, DO-201AD
Polarity: Band denotes cathode
Lead: Axial leads, solderable per MIL-STD-202 method 208 guaranteed
Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive
load.
Symbols
HER
301
HER
302
HER
303
HER
304
HER
305
HER
306
HER
307
HER
308
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800 1000 Volts
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800 1000 Volts
Maximum average forward rectified current
at TA = 55
OC
IO
3.0
Amps
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (JEDEC method)
IFSM
150
Amps
Maximum instantaneous forward voltage at 3.0A DC
VF
1.0
1.3
1.7
Volts
Maximum reverse current
TJ = 25
OC
at rated reverse voltage
TJ = 100
OC
IR
10
500
µAmps
Maximum reverse recovery time (Note 1)
Trr
50
75
nSec
Typical junction capacitance (Note 2)
CJ
75
50
pF
Typical junction resistance (Note 3)
RθJA
60
OC/W
Operating and storage temperature range
TJ ,TSTG
-55 to +150
OC
Notes: 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B.
mounted.


Similar Part No. - HER307

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
HER307 SECOS-HER307 Datasheet
150Kb / 2P
   High Efficiency Rectifiers
logo
Mospec Semiconductor
HER307 MOSPEC-HER307 Datasheet
126Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
logo
Yangzhou yangjie electr...
HER307 YANGJIE-HER307 Datasheet
209Kb / 2P
   High Efficient Rectifier
logo
Micro Commercial Compon...
HER307 MCC-HER307 Datasheet
89Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
HER307 SAMYANG-HER307 Datasheet
492Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER307

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com