Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74S374J Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74S374J
Description  OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74S374J Datasheet(HTML) 5 Page - Texas Instruments

  SN74S374J Datasheet HTML 1Page - Texas Instruments SN74S374J Datasheet HTML 2Page - Texas Instruments SN74S374J Datasheet HTML 3Page - Texas Instruments SN74S374J Datasheet HTML 4Page - Texas Instruments SN74S374J Datasheet HTML 5Page - Texas Instruments SN74S374J Datasheet HTML 6Page - Texas Instruments SN74S374J Datasheet HTML 7Page - Texas Instruments SN74S374J Datasheet HTML 8Page - Texas Instruments SN74S374J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN54LS373, SN54LS374, SN54S373, SN54S374,
SN74LS373, SN74LS374, SN74S373, SN74S374
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SDLS165B – OCTOBER 1975 – REVISED AUGUST 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematic of inputs and outputs
Output
TYPICAL OF ALL OUTPUTS
VCC
100
Ω NOM
VCC
Req = 20 kΩ NOM
Input
Input
VCC
17 k
Ω NOM
’LS373
EQUIVALENT OF DATA INPUTS
EQUIVALENT OF ENABLE- AND
OUTPUT-CONTROL INPUTS
EQUIVALENT OF CLOCK- AND
OUTPUT-CONTROL INPUTS
’LS374
EQUIVALENT OF DATA INPUTS
30 k
Ω NOM
Input
VCC
17 k
Ω NOM
VCC
Input
Output
TYPICAL OF ALL OUTPUTS
VCC
100
Ω NOM


Similar Part No. - SN74S374J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S374J TI-SN74S374J Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74S374J TI1-SN74S374J Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
More results

Similar Description - SN74S374J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS373 TI1-SN54LS373_16 Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS373 TI1-SN54LS373_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
REVISED AUGUST 2002
logo
Fairchild Semiconductor
DM74LS373 FAIRCHILD-DM74LS373 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
National Semiconductor ...
DM54LS373 NSC-DM54LS373 Datasheet
160Kb / 8P
   TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com