Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4148 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # LL4148
Description  SILICON EPITAXIAL PLANAR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LL4148 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  LL4148 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LL4148 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. LL4148 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. LL4148 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 15/09/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
Admissible power dissipation
versus ambient temperature
Valid provided that electrodes are kept at ambient
temperature
400
300
200
100
0
100
200 C
Ptot
Tamb
LL 4148
o
mW
VF
10 -1
1
10
2
10
3
10
LL 4148
i F
Forward characteristics
5
10 4
2
5
2
2
10
10
LL 4148
rf
Tj=25 C
f=1KHz
-2
10
02 V
10 3
5
2
5
2
1
-2
10
-1
10
1
10
10 mA
2
IF
0
500
600
700
800
900
1000
0.7
0.8
0
VR
6
0
10 V
1.1
1.0
0.9
Ctot(VR)
Ctot(0V)
LL 4148
Relative capacitance
versus reverse voltage
24
8
Dynamic forward resistance
versus forward current
o
Tj=25 C
o
Tj=100 C
o
1
Tj=25 C
f=1MHz
o
LL4148


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.8, 24-Mar-06
logo
Shenzhen Yixinwei Techn...
LL4148 YIXIN-LL4148 Datasheet
231Kb / 4P
   Silicon Epitaxial Planar Switching Diode
logo
Diotech Company.
LL4148 DIOTECH-LL4148 Datasheet
662Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Weitron Technology
LL4148 WEITRON-LL4148 Datasheet
167Kb / 4P
   Surface Mount Switching Diodes
logo
Goodwork Semiconductor ...
LL4148 GWSEMI-LL4148 Datasheet
117Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com