Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM3C15 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ZM3C15
Description  3 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZM3C15 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ZM3C15 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZM3C15 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZM3C15 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated :17/05/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ZM3C
Characteristics Ta = 25 OC unless otherwise noted.
Zener Voltage
Zener Impedance
1)
Leakage Current
VZ (V)
at IZT
ZZT at IZT
ZZK at IZK
IR at VR
IZM
Type
Min.
Nom.
Max.
mA
Ω Max.
mA
µA Max.
V
mA
ZM3C5V1
ZM3C5V6
ZM3C6V2
ZM3C6V8
ZM3C7V5
4.85
5.32
5.89
6.46
7.13
5.1
5.6
6.2
6.8
7.5
5.36
5.88
6.51
7.14
7.88
73.5
66.9
60.5
55.1
50
4
2
2
2.5
3
350
250
200
200
400
1
1
1
1
0.5
5
5
5
5
5
2
3
4
5.2
6
294
267
241
220
200
ZM3C8V2
ZM3C9V1
ZM3C10
ZM3C11
ZM3C12
7.79
8.65
9.5
10.45
11.4
8.2
9.1
10
11
12
8.61
9.56
10.5
11.55
12.6
45.7
41.2
37.5
34.1
31.2
3.5
4
4.5
5.5
6.5
400
500
500
550
550
0.5
0.5
0.25
0.25
0.25
5
5
5
1
1
6.5
7
8
8.4
9.1
182
164
150
136
125
ZM3C13
ZM3C15
ZM3C16
ZM3C18
ZM3C20
ZM3C22
12.35
14.25
15.2
17.1
19
20.9
13
15
16
18
20
22
13.65
15.75
16.8
18.9
21
23.1
28.8
25
23.4
20.8
18.7
17
7
9
10
12
14
17.5
550
600
600
650
650
650
0.25
0.25
0.25
0.25
0.25
0.25
1
1
1
1
1
1
9.9
11.4
12.2
13.7
15.2
16.7
115
100
93
83
75
68
ZM3C24
ZM3C27
ZM3C30
ZM3C33
ZM3C36
ZM3C39
22.8
25.65
28.5
31.35
34.2
37.05
24
27
30
33
36
39
25.2
28.35
31.5
34.65
27.8
40.95
15.6
13.9
12.5
11.4
10.4
9.6
19
23
28
33
38
45
700
700
750
800
850
900
0.25
0.25
0.25
0.25
0.25
0.25
1
1
1
1
1
1
18.2
20.6
22.8
25.1
27.4
29.7
62
55
50
45
41
38
ZM3C43
ZM3C47
ZM3C51
ZM3C56
ZM3C62
40.85
44.65
48.45
53.2
58.9
43
47
51
56
62
45.15
49.35
53.55
58.8
65.1
8.7
8
7.3
6.7
6
53
67
70
86
100
950
1000
1100
1300
1500
0.25
0.25
0.25
0.25
0.25
1
1
1
1
1
32.7
35.8
38.8
42.6
47.1
34
31
29
26
24
ZM3C68
ZM3C75
ZM3C82
ZM3C91
ZM3C100
64.6
71.25
77.9
86.45
95
68
75
82
91
100
71.4
78.75
86.1
95.55
105
5.5
5
4.6
4.1
3.7
120
140
160
200
250
1700
2000
2500
3000
3100
0.25
0.25
0.25
0.25
0.25
1
1
1
1
1
51.7
56
62.2
69.2
76
22
20
18
16
15
1) Zener Impedance (Z
Z) Derivation
The zener impedance is derived from 60 seconds AC voltage, which results when an AC current having an rms value
equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.
2) Tested with pulses tp = 20 ms.


Similar Part No. - ZM3C15

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ZM3.WALL PULS-ZM3.WALL Datasheet
101Kb / 1P
   WALL MOUNTING BRACKET
logo
Formosa MS
ZM300-X FORMOSA-ZM300-X Datasheet
54Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZM300-X FORMOSA-ZM300-X Datasheet
58Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZM300-X FRONTIER-ZM300-X Datasheet
120Kb / 2P
   1 WATT SURFACE MOUNT ZENER DIODE
logo
Formosa MS
ZM300-Y FORMOSA-ZM300-Y Datasheet
54Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZM3C15

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N4096 DIGITRON-1N4096 Datasheet
116Kb / 3P
   3 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5063 NJSEMI-1N5063 Datasheet
142Kb / 1P
   3-WATT ZENER DIODES
logo
Microsemi Corporation
3EZ39D5 MICROSEMI-3EZ39D5 Datasheet
69Kb / 2P
   SILICON 3 WATT ZENER DIODES
1N5063 MICROSEMI-1N5063 Datasheet
71Kb / 2P
   3 WATT GLASS ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Compensated Deuices Inc...
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com