Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

307-325-04 Datasheet(PDF) 3 Page - Marl International Limited

Part # 307-325-04
Description  PANEL INDICATOR LEDs - 횠4.8mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

307-325-04 Datasheet(HTML) 3 Page - Marl International Limited

  307-325-04 Datasheet HTML 1Page - Marl International Limited 307-325-04 Datasheet HTML 2Page - Marl International Limited 307-325-04 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 046/07 Issue 1
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
307 Series
De-rating Information
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
307-301-04
Red
20mA
307-301-20
Red
5/6Vdc
307-301-22
Red
24Vdc
307-301-22-15
Red
24Vdc
307-301-22-50
Red
24Vdc
307-301-72
Red
24Vac
307-303-04
Red
20mA
307-303-20
Red
5/6Vdc
307-303-23
Red
24-28Vdc
307-303-72
Red
24Vac
307-306-20
Orange
5/6Vdc
307-306-23
Orange
24-28Vdc
307-309-04
Yellow
20mA
307-309-20
Yellow
5/6Vdc
307-309-23
Yellow
24-28Vdc
307-309-23-21
Yellow
24-28Vdc
307-309-72
Yellow
24Vac
307-309-72-50
Yellow
24Vac
307-312-04
Green
20mA
307-312-20
Green
5/6Vdc
307-312-21-50
Green
12Vdc
307-312-23
Green
24-28Vdc
307-312-72
Green
24Vac
UNITS
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
307-320-22
Blue
24Vdc
307-324-04
Green
20mA
307-324-20
Green
5/6Vdc
307-324-22
Green
24Vdc
307-324-22-15
Green
24Vdc
307-325-04
Yellow
20mA
307-325-20
Yellow
5/6Vdc
307-325-22
Yellow
24Vdc
307-325-22-15
Yellow
24Vdc
307-325-22-50
Yellow
24Vdc
307-325-72
Yellow
24Vac
307-934-04
Blue
20mA
307-934-22
Blue
24Vdc
307-934-22-50
Blue
24Vdc
307-998-04
Cold White
20mA
307-998-22
Cold White
24Vdc
307-998-22-15
Cold White
24Vdc
307-998-22-19
Cold White
24Vdc
307-998-22-50
Cold White
24Vdc
307-998-22-51
Cold White
24Vdc
307-998-72
Cold White
24Vac
UNITS
Part numbers also available in the 307 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.
301, 303, 306 & 309
312
324, 934 & 998
325


Similar Part No. - 307-325-04

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
307-006-401-101 EDAC-307-006-401-101 Datasheet
248Kb / 3P
   307 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-101 EDAC-307-006-401-101 Datasheet
144Kb / 3P
   307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-102 EDAC-307-006-401-102 Datasheet
248Kb / 3P
   307 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-102 EDAC-307-006-401-102 Datasheet
145Kb / 3P
   307 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
307-006-401-103 EDAC-307-006-401-103 Datasheet
248Kb / 3P
   307 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
More results

Similar Description - 307-325-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
315-505-21 MARL-315-505-21 Datasheet
367Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
logo
Dialight Corporation
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
logo
List of Unclassifed Man...
Q14P1CZZRYG12E ETC2-Q14P1CZZRYG12E Datasheet
1Mb / 3P
   Q-SERIES 14mm횠 Panel Mounting LED Indicator Product Specification
logo
Toshiba Semiconductor
TLWWK1100B TOSHIBA-TLWWK1100B Datasheet
238Kb / 10P
   Panel Circuit Indicator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com