Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

327-501-21 Datasheet(PDF) 3 Page - Marl International Limited

Part # 327-501-21
Description  PANEL INDICATOR LEDs - 횠8.0mm Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

327-501-21 Datasheet(HTML) 3 Page - Marl International Limited

  327-501-21 Datasheet HTML 1Page - Marl International Limited 327-501-21 Datasheet HTML 2Page - Marl International Limited 327-501-21 Datasheet HTML 3Page - Marl International Limited 327-501-21 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 080/07 Issue 1
Page 3 of 4
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Diode Test Facility
512 & 514
505, 511, 532, 930 & 997
521
De-rating Information
ORDER CODE
TERMINATION
CIRCUIT
COMMENTS
SUFFIX
03
3 PINS
05
150mm of flying leads colours as shown
TEST
09
1000mm of flying leads colours as shown POSITIVE
Not available
with Bi-colour
04
3 PINS
LED
06
150mm of flying leads colours as shown
TEST
10
1000mm of flying leads colours as shown NEGATIVE
535
501
Test Positive
Test Negative
Test
Anode
Cathode
Identification
Mark
Test
Anode
Cathode
Identification
Mark


Similar Part No. - 327-501-21

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
327-0071 DIALIGHT-327-0071 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
327-0072 DIALIGHT-327-0072 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
327-0073 DIALIGHT-327-0073 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
327-0075 DIALIGHT-327-0075 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
logo
Mill-Max Mfg. Corp.
327-43-102-41-002000 MILL-MAX-327-43-102-41-002000 Datasheet
122Kb / 3P
   Interconnect Socket Straight Wrapost Tail Socket
More results

Similar Description - 327-501-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
315-505-21 MARL-315-505-21 Datasheet
367Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
logo
Dialight Corporation
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
logo
List of Unclassifed Man...
Q14P1CZZRYG12E ETC2-Q14P1CZZRYG12E Datasheet
1Mb / 3P
   Q-SERIES 14mm횠 Panel Mounting LED Indicator Product Specification
logo
Toshiba Semiconductor
TLWWK1100B TOSHIBA-TLWWK1100B Datasheet
238Kb / 10P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com