Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

352-581-20 Datasheet(PDF) 3 Page - Marl International Limited

Part # 352-581-20
Description  PANEL INDICATOR LEDs - 횠6.35mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

352-581-20 Datasheet(HTML) 3 Page - Marl International Limited

  352-581-20 Datasheet HTML 1Page - Marl International Limited 352-581-20 Datasheet HTML 2Page - Marl International Limited 352-581-20 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 076/07 Issue 1
Page 3 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
352 Series
De-rating Information
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
352-503-04
Red
20mA
352-503-04-15
Red
20mA
352-503-04-50
Red
20mA
352-505-04-52
Red
20mA
352-505-12-50
Red
24Vdc
352-509-04
Yellow
20mA
352-509-04-15
Yellow
20mA
352-509-04-50
Yellow
20mA
352-511-04-53
Yellow
20mA
352-512-04
Green
20mA
352-512-04-15
Green
20mA
352-512-04-50
Green
20mA
352-512-04-51
Green
20mA
352-512-04-52
Green
20mA
352-530-04
Red/Green
20mA
352-535-04-15
Red/Green/Amber
20mA
352-535-04-53
Red/Green/Amber
20mA
352-535-04-54
Red/Green/Amber
20mA
352-535-04-56
Red/Green/Amber
20mA
UNITS
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
352-535-04-57
Red/Green/Amber
20mA
352-538-04-50
Red/Green/Amber
20mA
352-549-04
Green/Yellow
20mA
352-581-20-15
Red
5/6Vdc
352-581-20-52
Red
5/6Vdc
352-582-20-15
Yellow
5/6Vdc
352-582-20-50
Yellow
5/6Vdc
352-582-20-51
Yellow
5/6Vdc
352-583-20-15
Green
5/6Vdc
352-583-20-50
Green
5/6Vdc
352-583-20-54
Green
5/6Vdc
352-583-20-55
Green
5/6Vdc
352-584-21
Red
12Vdc
352-584-21-50
Red
12Vdc
352-585-21
Yellow
12Vdc
352-585-21-50
Yellow
12Vdc
352-586-21
Green
12Vdc
352-586-21-50
Green
12Vdc
352-586-21-51
Green
12Vdc
UNITS
Part numbers also available in the 352 Series:
The products listed above illustrate all of the options available to order. These products may have custom
modifications that alter their operation beyond the generic information contained within this datasheet. Please
contact sales for further information.
505, 511, 532, 930 & 997
514
521
532
501
BS EN ISO 9001:2000
Approved Manufacturer


Similar Part No. - 352-581-20

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
352-505-04 MARL-352-505-04 Datasheet
259Kb / 2P
   PANEL INDICATOR LED
352-505-04 MARL-352-505-04_16 Datasheet
259Kb / 2P
   PANEL INDICATOR LED
352-509-04 MARL-352-509-04 Datasheet
259Kb / 2P
   PANEL INDICATOR LED
352-512-04 MARL-352-512-04 Datasheet
259Kb / 2P
   PANEL INDICATOR LED
352-520-04 MARL-352-520-04 Datasheet
259Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 352-581-20

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
315-505-21 MARL-315-505-21 Datasheet
367Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
612-301-21 MARL-612-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
610-301-21 MARL-610-301-21 Datasheet
337Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com