Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

423-501-22 Datasheet(PDF) 4 Page - Marl International Limited

Part # 423-501-22
Description  PANEL INDICATOR LEDs - 횠9.5mm Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

423-501-22 Datasheet(HTML) 4 Page - Marl International Limited

  423-501-22 Datasheet HTML 1Page - Marl International Limited 423-501-22 Datasheet HTML 2Page - Marl International Limited 423-501-22 Datasheet HTML 3Page - Marl International Limited 423-501-22 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BS EN ISO 9001:2000
Approved Manufacturer
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 082/07 Issue 1
Page 4 of 4
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
423 Series
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
423-501-04
Red
20mA
423-501-20
Red
5/6Vdc
423-501-22
Red
24Vdc
423-501-24
Red
48Vdc
423-502-21
Red
12Vdc
423-503-04
Red
20mA
423-503-20
Red
5/6Vdc
423-503-22
Red
24Vdc
423-503-22-01
Red
24Vdc
423-503-24
Red
48Vdc
423-503-72
Red
24Vac
423-506-04
Orange
20mA
423-506-21
Orange
12Vdc
423-506-22
Orange
24Vdc
423-506-22-01
Orange
24Vdc
423-506-74
Orange
48Vac
423-506-74-50
Orange
48Vac
423-509-04
Yellow
20mA
423-509-20
Yellow
5/6Vdc
423-509-21
Yellow
12Vdc
423-509-22
Yellow
24Vdc
423-509-24
Yellow
48Vdc
423-512-04
Green
20mA
423-512-20
Green
5/6Vdc
423-512-21
Green
12Vdc
423-512-22
Green
24Vdc
423-512-22-01
Green
24Vdc
423-512-24
Green
48Vdc
423-512-72
Green
24Vac
423-521-04
Yellow
20mA
423-521-20
Yellow
5/6Vdc
423-521-22
Yellow
24Vdc
423-521-24
Yellow
48Vdc
423-521-74
Yellow
48Vac
423-532-04
Green
20mA
423-532-21
Green
12Vdc
423-532-22
Green
24Vdc
UNITS
Part numbers also available in the 423 Series:
The products listed above illustrate all of the
options available to order. These products may
have custom modifications that alter their
operation beyond the generic information
contained within this datasheet. Please contact
sales for further information.
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
423-532-24
Green
48Vdc
423-930-04
Blue
20mA
423-930-22
Blue
24Vdc
423-930-24
Blue
48Vdc
423-993-04
Warm White
20mA
423-993-23
Warm White
24-28Vdc
423-993-24
Warm White
48Vdc
423-993-73
Warm White
28Vac
423-997-04
White
20mA
423-997-21
White
12Vdc
423-997-22
White
24Vdc
423-997-24
White
48Vdc
UNITS


Similar Part No. - 423-501-22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
423-017-520-102 ETC2-423-017-520-102 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
423-017-520-102 EDAC-423-017-520-102 Datasheet
105Kb / 1P
   423 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears with Guide Pins
423-017-520-102 EDAC-423-017-520-102 Datasheet
244Kb / 2P
   423 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears with Guide Pins
logo
List of Unclassifed Man...
423-017-521-102 ETC2-423-017-521-102 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
423-017-521-102 EDAC-423-017-521-102 Datasheet
105Kb / 1P
   423 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears with Guide Pins
More results

Similar Description - 423-501-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
315-505-21 MARL-315-505-21 Datasheet
367Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
logo
Dialight Corporation
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
logo
List of Unclassifed Man...
Q14P1CZZRYG12E ETC2-Q14P1CZZRYG12E Datasheet
1Mb / 3P
   Q-SERIES 14mm횠 Panel Mounting LED Indicator Product Specification
logo
Toshiba Semiconductor
TLWWK1100B TOSHIBA-TLWWK1100B Datasheet
238Kb / 10P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com