Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

507-930-21 Datasheet(PDF) 3 Page - Marl International Limited

Part # 507-930-21
Description  PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

507-930-21 Datasheet(HTML) 3 Page - Marl International Limited

  507-930-21 Datasheet HTML 1Page - Marl International Limited 507-930-21 Datasheet HTML 2Page - Marl International Limited 507-930-21 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
MARL INTERNATIONAL LTD 2008 : DS 034/06 Issue 4
DERATING INFORMATION
ALSO AVAILABLE
501 & 521
532, 930 & 997
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
507-501-04
Red
20mA
507-501-04-15 Red
20mA
507-501-20
Red
5/6 Vdc
507-501-22
Red
24 Vdc
507-501-22-15 Red
24 Vdc
507-501-24
Red
48 Vdc
507-501-25
Red
110 Vdc
507-501-54
Red
32 Vdc
507-501-56
Red
72 Vdc
507-501-70
Red
5/6 Vac
507-501-72
Red
24 Vac
507-501-75
Red
110 Vac
507-501-75-15 Red
110 Vac
507-501-77
Red
125 Vac
507-501-86
Red
115 Vac
507-502-04
Red
20mA
507-502-22
Red
24 Vdc
507-502-23-09 Red
28 Vdc
507-503-04
Red
20mA
507-503-04-15 Red
20mA
507-503-20
Red
5/6 Vdc
507-503-21
Red
5/6 Vdc
507-503-22
Red
24 Vdc
507-503-23
Red
24 Vdc
507-503-24
Red
48 Vdc
507-503-75
Red
110 Vac
507-503-75-15 Red
110 Vac
507-506-23-09 Orange
28 Vdc
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
507-506-25
Orange
110 Vdc
507-509-04
Yellow
20mA
507-509-21
Yellow
12 Vdc
507-509-22
Yellow
24 Vdc
507-509-23
Yellow
28 Vdc
507-509-75
Yellow
110 Vac
507-509-86
Yellow
115 Vac
507-512-04
Green
20mA
507-512-04-15 Green
20mA
507-512-20
Green
5/6 Vdc
507-512-21
Green
12 Vdc
507-512-22
Green
24 Vdc
507-512-23-09 Green
28 Vdc
507-512-24
Green
48 Vdc
507-512-50
Green
125 Vdc
507-512-72
Green
24 Vac
507-512-75
Green
110 Vac
507-512-86
Green
115 Vac
507-521-04
Green
20mA
507-521-22
Yellow
24 Vdc
507-521-22-15 Yellow
24 Vdc
507-521-23-09 Yellow
28 Vdc
507-521-24
Yellow
48 Vdc
507-521-50
Yellow
125 Vdc
507-521-75-15 Yellow
110 Vac
507-532-04
Green
20mA
507-532-04-15 Green
20mA
507-532-22
Green
24 Vdc
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
507-532-22-15 Green
24 Vdc
507-532-24
Green
48 Vdc
507-532-25
Green
110 Vdc
507-532-50
Green
125 Vdc
507-532-54
Green
32 Vdc
507-532-75-15 Green
110 Vac
507-532-75-19 Green
110 Vac
507-532-86
Green
115 Vac
507-930-04
Blue
20mA
507-930-04-15 Blue
20mA
507-930-22
Blue
24 Vdc
507-930-22-09 Blue
24 Vdc
507-930-22-15 Blue
24 Vdc
507-930-23-15 Blue
28 Vdc
507-930-25-15 Blue
110 Vdc
507-930-25-50 Blue
110 Vdc
507-930-54
Blue
32 Vdc
507-997-04
White
20mA
507-997-24
White
48 Vdc
507-997-56
White
72 Vdc
507-997-72
White
24 Vac
507-997-75
White
110 Vac
UNITS
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.
SAMPLES AVAILABLE
Part numbers also available in the 507 Series:


Similar Part No. - 507-930-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-930-21 MARL-507-930-21 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
507-930-21 MARL-507-930-21 Datasheet
434Kb / 5P
   Industrial panel lamps
More results

Similar Description - 507-930-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-535-04-35 MARL-614-535-04-35 Datasheet
238Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
698-501-63 MARL-698-501-63 Datasheet
246Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
643-503-04 MARL-643-503-04 Datasheet
345Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
503-501-21 MARL-503-501-21 Datasheet
269Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-501-63 MARL-534-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-501-21 MARL-677-501-21 Datasheet
292Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com