Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMCRD2V7MB2 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ZMCRD2V7MB2
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMCRD2V7MB2 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ZMCRD2V7MB2 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMCRD2V7MB2 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMCRD2V7MB2 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 17/05/2006
ZMC RD...M Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Impedance
Reverse Current
VZ (V)
1)
ZZ (Ω)
2)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
ZMCRD2V0MB
1.8
2.15
5
100
5
120
0.5
ZMCRD2V2MB
2.1
2.4
5
100
5
120
0.7
ZMCRD2V4MB
2.3
2.6
5
100
5
120
1
ZMCRD2V7MB
2.5
2.9
ZMCRD2V7MB1
2.5
2.75
ZMCRD2V7MB2
2.65
2.9
5
110
5
120
1
ZMCRD3V0MB
2.8
3.2
ZMCRD3V0MB1
2.8
3.05
ZMCRD3V0MB2
2.95
3.2
5
120
5
50
1
ZMCRD3V3MB
3.1
3.5
ZMCRD3V3MB1
3.1
3.35
ZMCRD3V3MB2
3.25
3.5
5
130
5
20
1
ZMCRD3V6MB
3.4
3.8
ZMCRD3V6MB1
3.4
3.65
ZMCRD3V6MB2
3.55
3.8
5
130
5
10
1
ZMCRD3V9MB
3.7
4.1
ZMCRD3V9MB1
3.7
3.97
ZMCRD3V9MB2
3.87
4.1
5
130
5
10
1
ZMCRD4V3MB
4.01
4.48
ZMCRD4V3MB1
4.01
4.21
ZMCRD4V3MB2
4.15
4.34
ZMCRD4V3MB3
4.28
4.48
5
130
5
10
1
ZMCRD4V7MB
4.42
4.9
ZMCRD4V7MB1
4.42
4.61
ZMCRD4V7MB2
4.55
4.75
ZMCRD4V7MB3
4.69
4.9
5
130
5
10
1
ZMCRD5V1MB
4.84
5.37
ZMCRD5V1MB1
4.84
5.04
ZMCRD5V1MB2
4.98
5.2
ZMCRD5V1MB3
5.14
5.37
5
130
5
5
1.5
ZMCRD5V6MB
5.31
5.92
ZMCRD5V6MB1
5.31
5.55
ZMCRD5V6MB2
5.49
5.73
ZMCRD5V6MB3
5.67
5.92
5
80
5
5
2.5
ZMCRD6V2MB
5.86
6.53
ZMCRD6V2MB1
5.86
6.12
ZMCRD6V2MB2
6.06
6.33
ZMCRD6V2MB3
6.26
6.53
5
50
5
2
3
ZMCRD6V8MB
6.47
7.14
ZMCRD6V8MB1
6.47
6.73
ZMCRD6V8MB2
6.65
6.93
ZMCRD6V8MB3
6.86
7.14
5
30
5
2
3.5
ZMCRD7V5MB
7.06
7.84
ZMCRD7V5MB1
7.06
7.36
ZMCRD7V5MB2
7.28
7.6
ZMCRD7V5MB3
7.52
7.84
5
30
5
2
4
ZMCRD8V2MB
7.76
8.64
ZMCRD8V2MB1
7.76
8.1
ZMCRD8V2MB2
8.02
8.36
ZMCRD8V2MB3
8.28
8.64
5
30
5
2
5


Similar Part No. - ZMCRD2V7MB2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ZMCRD2V7SB SEMTECH_ELEC-ZMCRD2V7SB Datasheet
265Kb / 3P
   ZENER DIODES
ZMCRD2V7SB1 SEMTECH_ELEC-ZMCRD2V7SB1 Datasheet
265Kb / 3P
   ZENER DIODES
ZMCRD2V7SB2 SEMTECH_ELEC-ZMCRD2V7SB2 Datasheet
265Kb / 3P
   ZENER DIODES
More results

Similar Description - ZMCRD2V7MB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com