Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLZ33 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # RLZ33
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RLZ33 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  RLZ33 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RLZ33 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. RLZ33 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. RLZ33 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. RLZ33 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dated : 31/05/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
RLZ Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Operating Resistance
Rising Operating Resistance
Reverse Current
VZ (V)
ZZ (Ω)
ZZK (Ω)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
RLZ16
15.3
17.1
10
18
10
150
0.5
0.2
12
RLZ16A
14.8
15.57
10
18
10
150
0.5
0.2
12
RLZ16B
15.25
16.04
10
18
10
150
0.5
0.2
12
RLZ16C
15.69
16.51
10
18
10
150
0.5
0.2
12
RLZ18
16.8
19.1
10
23
10
150
0.5
0.2
13
RLZ18A
16.22
17.06
10
23
10
150
0.5
0.2
13
RLZ18B
16.82
17.7
10
23
10
150
0.5
0.2
13
RLZ18C
17.42
18.33
10
23
10
150
0.5
0.2
13
RLZ20
18.8
21.2
10
28
10
200
0.5
0.2
15
RLZ20A
18.02
18.96
10
28
10
200
0.5
0.2
15
RLZ20B
18.63
19.59
10
28
10
200
0.5
0.2
15
RLZ20C
19.23
20.22
10
28
10
200
0.5
0.2
15
RLZ20D
19.72
20.72
10
28
10
200
0.5
0.2
15
RLZ22
20.8
23.3
5
30
5
200
0.5
0.2
17
RLZ22A
20.15
21.2
5
30
5
200
0.5
0.2
17
RLZ22B
20.64
21.71
5
30
5
200
0.5
0.2
17
RLZ22C
21.08
22.17
5
30
5
200
0.5
0.2
17
RLZ22D
21.52
22.63
5
30
5
200
0.5
0.2
17
RLZ24
22.8
25.6
5
35
5
200
0.5
0.2
19
RLZ24A
22.05
23.18
5
35
5
200
0.5
0.2
19
RLZ24B
22.61
23.77
5
35
5
200
0.5
0.2
19
RLZ24C
23.12
24.31
5
35
5
200
0.5
0.2
19
RLZ24D
23.63
24.85
5
35
5
200
0.5
0.2
19
RLZ27
25.1
28.9
5
45
5
250
0.5
0.2
21
RLZ27A
24.26
25.52
5
45
5
250
0.5
0.2
21
RLZ27B
24.97
26.26
5
45
5
250
0.5
0.2
21
RLZ27C
25.63
26.95
5
45
5
250
0.5
0.2
21
RLZ27D
26.29
27.64
5
45
5
250
0.5
0.2
21
RLZ30
28
32
5
55
5
250
0.5
0.2
23
RLZ30A
26.99
28.39
5
55
5
250
0.5
0.2
23
RLZ30B
27.70
29.13
5
55
5
250
0.5
0.2
23
RLZ30C
28.36
29.82
5
55
5
250
0.5
0.2
23
RLZ30D
29.02
30.51
5
55
5
250
0.5
0.2
23
RLZ33
31
35
5
65
5
250
0.5
0.2
25
RLZ33A
29.68
31.22
5
65
5
250
0.5
0.2
25
RLZ33B
30.32
31.88
5
65
5
250
0.5
0.2
25
RLZ33C
30.9
32.5
5
65
5
250
0.5
0.2
25


Similar Part No. - RLZ33

ManufacturerPart #DatasheetDescription
logo
Rohm
RLZ33 ROHM-RLZ33 Datasheet
219Kb / 4P
   500 MW ZENER LEADLESS DIODE
RLZ33 ROHM-RLZ33 Datasheet
820Kb / 4P
   300mW Zener Leadless Diode
RLZ33 ROHM-RLZ33 Datasheet
820Kb / 4P
   500mW Zener Leadless Diodes
RLZ33 ROHM-RLZ33 Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
logo
Nanjing International G...
RLZ33 DGNJDZ-RLZ33 Datasheet
344Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
More results

Similar Description - RLZ33

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com