Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54LVC373AJ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54LVC373AJ
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LVC373AJ Datasheet(HTML) 2 Page - Texas Instruments

  SNJ54LVC373AJ Datasheet HTML 1Page - Texas Instruments SNJ54LVC373AJ Datasheet HTML 2Page - Texas Instruments SNJ54LVC373AJ Datasheet HTML 3Page - Texas Instruments SNJ54LVC373AJ Datasheet HTML 4Page - Texas Instruments SNJ54LVC373AJ Datasheet HTML 5Page - Texas Instruments SNJ54LVC373AJ Datasheet HTML 6Page - Texas Instruments SNJ54LVC373AJ Datasheet HTML 7Page - Texas Instruments SNJ54LVC373AJ Datasheet HTML 8Page - Texas Instruments SNJ54LVC373AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
GQN OR ZQN PACKAGE
(TOP VIEW)
1
2
3
4
A
B
C
D
E
SN54LVC373A, SN74LVC373A
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCAS295S – JANUARY 1993 – REVISED MAY 2005
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 20
SN74LVC373AN
SN74LVC373AN
QFN – RGY
Reel of 1000
SN74LVC373ARGYR
LC373A
Tube of 25
SN74LVC373ADW
SOIC – DW
LVC373A
Reel of 2000
SN74LVC373ADWR
SOP – NS
Reel of 2000
SN74LVC373ANSR
LVC373A
SSOP – DB
Reel of 2000
SN74LVC373ADBR
LC373A
–40°C to 85°C
Tube of 70
SN74LVC373APW
TSSOP – PW
Reel of 2000
SN74LVC373APWR
LC373A
Reel of 250
SN74LVC373APWT
TVSOP – DGV
Reel of 2000
SN74LVC373ADGVR
LC373A
VFBGA – GQN
SN74LVC373AGQNR
Reel of 1000
LC373A
VFBGA – ZQN (Pb-free)
SN74LVC373AZQNR
CDIP – J
Tube of 20
SNJ54LVC373AJ
SNJ54LVC373AJ
–55°C to 125°C
CFP – W
Tube of 85
SNJ54LVC373AW
SNJ54LVC373AW
LCCC – FK
Tube of 55
SNJ54LVC373AFK
SNJ54LVC373AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
TERMINAL ASSIGNMENTS
1
2
3
4
A
1Q
OE
VCC
8Q
B
2D
7D
1D
8D
C
3Q
2Q
6Q
7Q
D
4D
5D
3D
6D
E
GND
4Q
LE
5Q
FUNCTION TABLE
(EACH LATCH)
INPUTS
OUTPUT
Q
OE
LE
D
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
2


Similar Part No. - SNJ54LVC373AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LVC373AJ TI-SNJ54LVC373AJ Datasheet
1Mb / 24P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54LVC373AJ TI-SNJ54LVC373AJ Datasheet
1Mb / 28P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54LVC373AJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com