Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC574APWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC574APWR
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC574APWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC574APWR Datasheet HTML 1Page - Texas Instruments SN74LVC574APWR Datasheet HTML 2Page - Texas Instruments SN74LVC574APWR Datasheet HTML 3Page - Texas Instruments SN74LVC574APWR Datasheet HTML 4Page - Texas Instruments SN74LVC574APWR Datasheet HTML 5Page - Texas Instruments SN74LVC574APWR Datasheet HTML 6Page - Texas Instruments SN74LVC574APWR Datasheet HTML 7Page - Texas Instruments SN74LVC574APWR Datasheet HTML 8Page - Texas Instruments SN74LVC574APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SN54LVC574A, SN74LVC574A
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS301R − JANUARY 1993 − REVISED MARCH 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LVC574ARGYR
LC574A
−40
°C to 85°C
VFBGA − GQN
Reel of 1000
SN74LVC574AGQNR
LC574A
−40 C to 85 C
VFBGA − ZQN (Pb-free)
Reel of 1000
SN74LVC574AZQNR
LC574A
PDIP − N
Tube of 20
SN74LVC574AN
SN74LVC574AN
SOIC − DW
Tube of 25
SN74LVC574ADW
LVC574A
SOIC − DW
Reel of 2000
SN74LVC574ADWR
LVC574A
SOP − NS
Reel of 2000
SN74LVC574ANSR
LVC574A
−40
°C to 125°C
SSOP − DB
Reel of 2000
SN74LVC574ADBR
LC574A
−40 C to 125 C
Tube of 70
SN74LVC574APW
TSSOP − PW
Reel of 2000
SN74LVC574APWR
LC574A
TSSOP − PW
Reel of 250
SN74LVC574APWT
LC574A
TVSOP − DGV
Reel of 2000
SN74LVC574ADGVR
LC574A
CDIP − J
Tube of 20
SNJ54LVC574AJ
SNJ54LVC574AJ
−55
°C to 125°C
CFP − W
Tube of 85
SNJ54LVC574AW
SNJ54LVC574AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LVC574AFK
SNJ54LVC574AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
terminal assignments
1234
A
1D
OE
VCC
1Q
B
3D
3Q
2D
2Q
C
5D
4D
5Q
4Q
D
7D
7Q
6D
6Q
E
GND
8D
CLK
8Q
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
OE
CLK
D
OUTPUT
Q
L
H
H
L
LL
L
LX
Q0
H
X
X
Z
GQN OR ZQN PACKAGE
(TOP VIEW)
1
234
A
B
C
D
E


Similar Part No. - SN74LVC574APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC574APWR TI-SN74LVC574APWR Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVC574APWRE4 TI-SN74LVC574APWRE4 Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVC574APWRG4 TI-SN74LVC574APWRG4 Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC574APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com