Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT16501 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT16501
Description  3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT16501 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVT16501 Datasheet HTML 2Page - Texas Instruments SN74LVT16501 Datasheet HTML 3Page - Texas Instruments SN74LVT16501 Datasheet HTML 4Page - Texas Instruments SN74LVT16501 Datasheet HTML 5Page - Texas Instruments SN74LVT16501 Datasheet HTML 6Page - Texas Instruments SN74LVT16501 Datasheet HTML 7Page - Texas Instruments SN74LVT16501 Datasheet HTML 8Page - Texas Instruments SN74LVT16501 Datasheet HTML 9Page - Texas Instruments SN74LVT16501 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN54LVT16501, SN74LVT16501
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS147G – MAY 1992 – REVISED NOVEMBER 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LVT16501
SN74LVT16501
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
–1.2
V
VCC = 2.7 V to 3.6 V, IOH = –100 µA
VCC–0.2
VCC–0.2
VOH
VCC = 2.7 V,
IOH = –8 mA
2.4
2.4
V
VOH
VCC =3V
IOH = –24 mA
2
V
VCC = 3 V
IOH = –32 mA
2
VCC =2 7V
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
VOL
IOL = 16 mA
0.4
0.4
V
VOL
VCC =3V
IOL = 32 mA
0.5
0.5
V
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
Control pins
VCC = 3.6 V,
VI = VCC or GND
±1
±1
Control pins
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
II
VI = 5.5 V
120
20
µA
A or B ports‡
VCC = 3.6 V
VI = VCC
1
1
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
II(h ld)
AorB ports
VCC =3V
VI = 0.8 V
75
75
µA
II(hold)
A or B ports
VCC = 3 V
VI = 2 V
–75
–75
µA
IOZH
VCC = 3.6 V,
VO = 3 V
1
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–1
µA
V3 6 V
I
0
Outputs high
0.12
0.12
ICC
VCC = 3.6 V,
IO = 0,
VI =VCC or GND
Outputs low
5
5
mA
VI = VCC or GND
Outputs disabled
0.12
0.12
∆ICC§
VCC = 3 V to 3.6 V,
One input at VCC – 0.6 V,
Other inputs at VCC or GND
0.2
0.2
mA
Ci
VI = 3 V or 0
3.5
3.5
pF
Cio
VO = 3 V or 0
12
12
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ Unused pins at VCC or GND
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


Similar Part No. - SN74LVT16501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT16500 TI-SN74LVT16500 Datasheet
152Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVT16500 TI-SN74LVT16500 Datasheet
270Kb / 14P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVT16500DGG TI-SN74LVT16500DGG Datasheet
152Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVT16500DGGR TI-SN74LVT16500DGGR Datasheet
270Kb / 14P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVT16500DL TI-SN74LVT16500DL Datasheet
152Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT16501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16501 TI-SN54LVTH16501 Datasheet
204Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16500 TI-SN54LVTH16500 Datasheet
135Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16500 TI-SN54LVTH16500_03 Datasheet
391Kb / 16P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16500 TI-SN54LVT16500_07 Datasheet
270Kb / 14P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16501 TI-SN54LVTH16501_07 Datasheet
346Kb / 14P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16500 TI-SN54LVT16500 Datasheet
152Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTH16835 TI-SN54LVTH16835 Datasheet
121Kb / 8P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVERS WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com