Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

411-521-76-13 Datasheet(PDF) 1 Page - Marl International Limited

Part # 411-521-76-13
Description  PANEL INDICATOR LEDs - 횠8.0mm Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

411-521-76-13 Datasheet(HTML) 1 Page - Marl International Limited

  411-521-76-13 Datasheet HTML 1Page - Marl International Limited 411-521-76-13 Datasheet HTML 2Page - Marl International Limited 411-521-76-13 Datasheet HTML 3Page - Marl International Limited 411-521-76-13 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
411-501-21
Red
Colour Diffused 12
20
11000
643
-0 ~ +85^
-0 ~ +85
Yes
411-521-21
Yellow
Colour Diffused 12
20
16000
591
-0 ~ +85^
-0 ~ +85
Yes
411-532-21
Green
Colour Diffused 12
20
23000
527
-0 ~ +85^
-0 ~ +85
Yes
411-930-21
Blue
Colour Diffused 12
20
7000
470
-0 ~ +85^
-0 ~ +85
Yes
411-997-21
Cold White
Colour Diffused 12
20
14000
*see below
-0 ~ +85^
-0 ~ +85
Yes
411-501-23
Red
Colour Diffused 24-28
17.5
11000
643
-0 ~ +85^
-0 ~ +85
Yes
411-521-23
Yellow
Colour Diffused 24-28
17.5
16000
591
-0 ~ +85^
-0 ~ +85
Yes
411-532-23
Green
Colour Diffused 24-28
17.5
23000
527
-0 ~ +85^
-0 ~ +85
Yes
411-930-23
Blue
Colour Diffused 24-28
17.5
7000
470
-0 ~ +85^
-0 ~ +85
Yes
411-997-23
Cold White
Colour Diffused 24-28
17.5
14000
*see below
-0 ~ +85^
-0 ~ +85
Yes
UNITS
Vdc
mA
mcd
nm
0
C
0
C
Front panel replaceability
Must be used in conjunction with 907-000-00 panel
socket. See datasheet DS084/04
Domed fresnel lens for wide angle viewing
Sealed to IP40
Product illustrated 411-532-22 in the 907-000-00 panel
mounting socket
PANEL INDICATOR LEDs - Ø8.0mm Mounting
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure Typically = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
411 SERIES
PACK QUANTITY = 20 PIECES
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS081/07 Issue 1
Page 1 of 4
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs. Appropriate LED numbers
shown. Refer to page 3.
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within
a batch.
997F-C *Typical emission colour cold white
x
0.245 0.361
0.356 0.264
y
0.229 0.385
0.351 0.220
HIGH INTENSITY


Similar Part No. - 411-521-76-13

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
411-5 WILLOW-411-5 Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results

Similar Description - 411-521-76-13

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
315-505-21 MARL-315-505-21 Datasheet
367Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
423-501-21 MARL-423-501-21 Datasheet
298Kb / 4P
   PANEL INDICATOR LEDs - 횠9.5mm Mounting
logo
Dialight Corporation
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
logo
List of Unclassifed Man...
Q14P1CZZRYG12E ETC2-Q14P1CZZRYG12E Datasheet
1Mb / 3P
   Q-SERIES 14mm횠 Panel Mounting LED Indicator Product Specification
logo
Toshiba Semiconductor
TLWWK1100B TOSHIBA-TLWWK1100B Datasheet
238Kb / 10P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com