Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

514-105-76 Datasheet(PDF) 1 Page - Marl International Limited

Part # 514-105-76
Description  PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

514-105-76 Datasheet(HTML) 1 Page - Marl International Limited

  514-105-76 Datasheet HTML 1Page - Marl International Limited 514-105-76 Datasheet HTML 2Page - Marl International Limited 514-105-76 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC (Vdc)
DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
514-105-21
Red
Colour Diffused 12
19
100
627
-40 ~ +85^
-40 ~ +85
Yes
514-111-21
Yellow
Colour Diffused 12
20
50
590
-40 ~ +85^
-40 ~ +85
Yes
514-114-21
Green
Colour Diffused 12
20
60
565
-40 ~ +85^
-40 ~ +85
Yes
514-105-23
Red
Colour Diffused 24-28
20
100
627
-40 ~ +85^
-40 ~ +85
Yes
514-111-23
Yellow
Colour Diffused 24-28
20
50
590
-40 ~ +85^
-40 ~ +85
Yes
514-114-23
Green
Colour Diffused 24-28
20
60
565
-40 ~ +85^
-40 ~ +85
Yes
514-102-04
Red
Colour Diffused 1.9*
20
450
660
-40 ~ +85^
-40 ~ +85
Yes
514-102-21
Red
Colour Diffused 12
20
450
660
-40 ~ +85^
-40 ~ +85
Yes
514-102-23
Red
Colour Diffused 24-28
20
450
660
-40 ~ +85^
-40 ~ +85
Yes
UNITS
Vdc
mA
mcd
nm
°C
°C
Robust bright nickel plated brass housing
Sealed to IP67
Raised profile styling
Suitable for high vibration applications
Internal reverse protection diode fitted as standard in all
voltage models.
PROFESSIONAL LED INDICATORS Ø12.7mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2008 : DS 036/06 Issue 4
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATION
STANDARD INTENSITY
HIGH INTENSITY
514 SERIES
PACK QUANTITY = 10 PIECES
Page 1 of 3
* = Voltage DC for 20mA product is Vf@20mA, not Vopr
Other voltages AC/DC available. Please contact our Technical Sales.
^ = Products must be derated according to the derating information
BS EN ISO 9001:2000
Approved Manufacturer


Similar Part No. - 514-105-76

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
514-105-76 MARL-514-105-76 Datasheet
373Kb / 4P
   횠12.7mm mounting Robust bright nickel plated brass housing
514-105-76 MARL-514-105-76 Datasheet
373Kb / 4P
   Suitable for high vibration applications
More results

Similar Description - 514-105-76

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
699-501-63 MARL-699-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
651-105-21 MARL-651-105-21 Datasheet
307Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
511-501-21 MARL-511-501-21 Datasheet
262Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
652-105-63 MARL-652-105-63 Datasheet
220Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
512-501-21 MARL-512-501-21 Datasheet
260Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
515-501-04 MARL-515-501-04 Datasheet
239Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
531-501-63 MARL-531-501-63 Datasheet
248Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com