Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOM9325 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TOM9325
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TOM9325 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TOM9325 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOLTAGE CONTROLLED
OSCILLATOR
TOM9325
Available as:
TOM9325, 4 Pin TO-8 (T4)
TON9325, 4 Pin Surface Mount (SM3)
BXO9325, Connectorized Housing (H1)
Features
!
!
!
!
! Tuning Variation: 2.2:1 Maximum
!
!
!
!
! Operating Case Temp. 0 ºC to + 50 ºC
!
!
!
!
! Screening to the tables of MIL-STD-883 available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta=+25ºC
Ta=0ºCto+50ºC
Specifications
Maximum Ratings
Ambient Operating Temperature ........... -55ºC to + 100 ºC
Storage Temperature ............................ -62ºC to + 125 ºC
Case Temperature ............................................. + 125 ºC
DC Voltage ..................................................... + 20 Volts
Maximum DC Tuning Voltage .......................... + 20 Volts
Minimum DC Tuning Voltage ................................. 0 Volts
Legend
+25 ºC
+50 ºC
0 ºC
02/24/05
Typical Performance Data
2200 - 2700 MHz
Frequency
2200 - 2700 MHz
2200 - 2700 MHz
Output Power (dBm)
+12.0
+10.0 Min.
Power Flatness (dBm)
±0.5
±1.0 Max.
Tuning Voltage Range (V)
2 to 8
2 to 8
Tuning Voltage
Sensitivity (MHz/V)
80.0
50.0 Min.
Harmonics (dBc)
-18
-12 Max.
Spurious (dBc)
<-50
-50 Max.
Phase Noise @10 KHz
-80
-75
@ 100 KHz (dBc/Hz)
-105
-100 Max.
Pushing (MHz/V)
3.0
7.0 Max.
Pulling (MHz); 20 dB RL
28.0
35.0 Max.
Frequency Drift (MHz/ºC)
0.8
1.2 Max.
Power
Vdc
+12
+12
mA
33.0
40.0 Max.
2600
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
2047
2232
2368
2489
2598
2699
2791
2874
2950
3017
+14.6
+14.7
+13.9
+13.8
+13.8
+13.7
+13.8
+14.2
+13.8
+13.9
-24
-28
-22
-23
-22
-21
-22
-22
-23
-23
-22
-22
-21
-21
-20
-20
-24
-23
-23
-25
7
9
+12
+13
+14
2800
3000
237
185
135
121
109
100
91
83
75
66
+11
2000
2400
2200
1
3
5
7
9
1
35
10
2
46
8
10
2
46
8
Tuning Voltage (Volts)
Tuning Voltage (Volts)
V
t
fo
∆fPo
2H
3H
(V)
(MHz)
(MHz) (dBm)
(dBc) (dBc)
=======================================================
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TOM9325

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TOM9325 APITECH-TOM9325 Datasheet
126Kb / 1P
   Voltage Controlled Oscillator
More results

Similar Description - TOM9325

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com