Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ18A-CA Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # SMCJ18A-CA
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SMCJ18A-CA Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  SMCJ18A-CA Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SMCJ18A-CA Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. SMCJ18A-CA Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. SMCJ18A-CA Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 11/11/2008
FD
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SMCJ Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Breakdown Voltage
1)
Uni-directional /
Bi-directional
Type
3)
Stand-off
Voltage
VWM (V)
VBR (V)
Min. at IT
VBR (V)
Max. at IT
Test
Current
IT (mA)
Maximum
Clamping
Voltage
VC (V) at IPPM
Maximum
Peak Pulse
Current
IPPM (A)
Maximum
Reverse
Leakage
2)
ID (μA) at VWM
SMCJ36 / C
36
40
48.9
1
64.3
24
5
SMCJ36A / CA
36
40
44.2
1
58.1
27
5
SMCJ40 / C
40
44.4
54.3
1
71.4
22
5
SMCJ40A / CA
40
44.4
49.1
1
64.5
24
5
SMCJ43 / C
43
47.8
58.4
1
76.7
20
5
SMCJ43A / CA
43
47.8
52.8
1
69.4
22
5
SMCJ45 / C
45
50
61.1
1
80.3
19
5
SMCJ45A / CA
45
50
55.3
1
72.7
21
5
SMCJ48 / C
48
53.3
65.1
1
85.5
18
5
SMCJ48A / CA
48
53.3
58.9
1
77.4
20
5
SMCJ51 / C
51
56.7
69.3
1
91.1
17
5
SMCJ51A / CA
51
56.7
62.7
1
82.4
19
5
SMCJ54 / C
54
60
73.3
1
96.3
16
5
SMCJ54A / CA
54
60
66.3
1
87.1
18
5
SMCJ58 / C
58
64.4
78.7
1
103
15
5
SMCJ58A / CA
58
64.4
71.2
1
93.6
16
5
SMCJ60 / C
60
66.7
81.5
1
107
14
5
SMCJ60A / CA
60
66.7
73.7
1
96.8
16
5
SMCJ64 / C
64
71.1
86.9
1
114
13.8
5
SMCJ64A / CA
64
71.1
78.6
1
103
15
5
SMCJ70 / C
70
77.8
95.1
1
125
12.6
5
SMCJ70A / CA
70
77.8
86
1
113
13.9
5
SMCJ75 / C
75
83.3
102
1
134
11.7
5
SMCJ75A / CA
75
83.3
92.1
1
121
13
5
SMCJ78 / C
78
86.7
106
1
139
11.3
5
SMCJ78A / CA
78
86.7
95.8
1
126
12.5
5
SMCJ85 / C
85
94.4
115
1
151
10.4
5
SMCJ85A / CA
85
94.4
104
1
137
11.5
5
SMCJ90 / C
90
100
122
1
160
9.8
5
SMCJ90A / CA
90
100
111
1
146
10.7
5
SMCJ100 / C
100
111
136
1
179
8.8
5
SMCJ100A / CA
100
111
123
1
162
9.7
5
SMCJ110 / C
110
122
149
1
196
8
5
SMCJ110A / CA
110
122
135
1
177
8.9
5
SMCJ120 / C
120
133
163
1
214
7.3
5
SMCJ120A / CA
120
133
147
1
193
8.1
5
SMCJ130 / C
130
144
176
1
231
6.8
5
SMCJ130A / CA
130
144
159
1
209
7.5
5
SMCJ150 / C
150
167
204
1
268
5.8
5
SMCJ150A / CA
150
167
185
1
243
6.4
5
SMCJ160 / C
160
178
218
1
287
5.4
5
SMCJ160A / CA
160
178
197
1
259
6
5
SMCJ170 / C
170
189
231
1
304
5.1
5
SMCJ170A / CA
170
189
209
1
275
5.7
5
1) V
BR measured after IT applied for 300 µs square wave pulse or equivalent.
2) For bidirectional types having V
WM of 10 V and less, the ID limit is doubled.
3) For bidirectional use C or CA suffix types, the electrical characteristics apply in both directions


Similar Part No. - SMCJ18A-CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ18A-13-F DIODES-SMCJ18A-13-F Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
UN Semiconducctor INC
SMCJ18A-AT UNSEMI-SMCJ18A-AT Datasheet
2Mb / 6P
   1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Vishay Siliconix
SMCJ18A-E3 VISHAY-SMCJ18A-E3 Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMCJ18A-E31T VISHAY-SMCJ18A-E31T Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
logo
Shanghai Yint Electroni...
SMCJ18A-H YINT-SMCJ18A-H Datasheet
1Mb / 5P
   Automotive and High Reliability TVS Diodes
More results

Similar Description - SMCJ18A-CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com