Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ60A Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # SMBJ60A
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SMBJ60A Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  SMBJ60A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SMBJ60A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. SMBJ60A Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 11/11/2008 FD
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SMBJ Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Breakdown Voltage
1)
Uni-directional /
Bi-directional
Type
3)
Stand-off
Voltage
VWM (V)
VBR (V)
Min. at IT
VBR (V)
Max. at IT
Test
Current
IT (mA)
Maximum
Clamping
Voltage
VC (V) at IPPM
Maximum
Peak Pulse
Current
IPPM (A)
Maximum
Reverse
Leakage
2)
ID (μA) at VWM
SMBJ5.0 / C
5
6.4
7.3
10
9.6
65
800
SMBJ5.0A / CA
5
6.4
7
10
9.2
68
800
SMBJ6.0 / C
6
6.67
8.15
10
11.4
55
800
SMBJ6.0A / CA
6
6.67
7.37
10
10.3
61
800
SMBJ6.5 / C
6.5
7.22
8.82
10
12.3
51
500
SMBJ6.5A / CA
6.5
7.22
7.98
10
11.2
56
500
SMBJ7.0 / C
7
7.78
9.51
10
13.3
47
200
SMBJ7.0A / CA
7
7.78
8.6
10
12
52
200
SMBJ7.5 / C
7.5
8.33
10.3
1
14.3
44
100
SMBJ7.5A / CA
7.5
8.33
9.21
1
12.9
48
100
SMBJ8.0 / C
8
8.89
10.9
1
15
42
50
SMBJ8.0A / CA
8
8.89
9.83
1
13.6
46
50
SMBJ8.5 / C
8.5
9.44
11.5
1
15.9
39
20
SMBJ8.5A / CA
8.5
9.44
10.4
1
14.4
43
20
SMBJ9.0 / C
9
10
12.2
1
16.9
37
10
SMBJ9.0A / CA
9
10
11.1
1
15.4
40
10
SMBJ10 / C
10
11.1
13.6
1
18.8
33
5
SMBJ10A / CA
10
11.1
12.3
1
17
37
5
SMBJ11 / C
11
12.2
14.9
1
20.1
31
5
SMBJ11A / CA
11
12.2
13.5
1
18.2
34
5
SMBJ12 / C
12
13.3
16.3
1
22
28
5
SMBJ12A / CA
12
13.3
14.7
1
19.9
31
5
SMBJ13 / C
13
14.4
17.6
1
23.8
26
5
SMBJ13A / CA
13
14.4
15.9
1
21.5
29
5
SMBJ14 / C
14
15.6
19.1
1
25.8
24.4
5
SMBJ14A / CA
14
15.6
17.2
1
23.2
27
5
SMBJ15 / C
15
16.7
20.4
1
26.9
23.1
5
SMBJ15A / CA
15
16.7
18.5
1
24.4
25.1
5
SMBJ16 / C
16
17.8
21.8
1
28.8
21.8
5
SMBJ16A / CA
16
17.8
19.7
1
26
24.2
5
SMBJ17 / C
17
18.9
23.1
1
30.5
20
5
SMBJ17A / CA
17
18.9
20.9
1
27.6
22.8
5
SMBJ18 / C
18
20
24.4
1
32.2
19.5
5
SMBJ18A / CA
18
20
22.1
1
29.2
21.5
5
SMBJ20 / C
20
22.2
27.1
1
35.8
17.6
5
SMBJ20A / CA
20
22.2
24.5
1
32.4
19.4
5
SMBJ22 / C
22
24.4
29.8
1
39.4
15
5
SMBJ22A / CA
22
24.4
26.9
1
35.5
17.7
5
SMBJ24 / C
24
26.7
32.6
1
43
14.6
5
SMBJ24A / CA
24
26.7
29.5
1
38.9
16
5
SMBJ26 / C
26
28.9
35.3
1
46.6
13.5
5
SMBJ26A / CA
26
28.9
31.9
1
42.1
14.9
5
SMBJ28 / C
28
31.1
38
1
50
12.6
5
SMBJ28A / CA
28
31.1
34.4
1
45.4
13.8
5
SMBJ30 / C
30
33.3
40.7
1
53.5
11.7
5
SMBJ30A / CA
30
33.3
36.8
1
48.4
13
5
SMBJ33 / C
33
36.7
44.9
1
59
10.6
5
SMBJ33A / CA
33
36.7
40.6
1
53.3
11.8
5


Similar Part No. - SMBJ60A

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMBJ60A UNSEMI-SMBJ60A Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Micro Commercial Compon...
SMBJ60A MCC-SMBJ60A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Jiangsu High diode Semi...
SMBJ60A HDSEMI-SMBJ60A Datasheet
1Mb / 7P
   SMB Plastic-Encapsulate Diodes
logo
Jinan Gude Electronic D...
SMBJ60A JGD-SMBJ60A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ60A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com