Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TWH5017 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TWH5017
Description  SP5T RF SWITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TWH5017 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TWH5017 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SP5T RF SWITCH
Package: 12 Pin TO-8B (T9)
MODEL
TWH5017
Also Available In: Connectorized Housings
Features
!
!
!
!
! 10 - 300 MHz
!
!
!
!
! RF1-RF5 Reflective in ‘OFF’ State
!
!
!
!
! Integral TTL Driver
!
!
!
!
! OperatingTemp. -55 ºC to + 100 ºC
!
!
!
!
! Environmental Screening available
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +100 ºC
Specifications
Maximum Ratings
Ambient Operating Temperature ........................ -55ºC to + 100 ºC
Storage Temperature ......................................... -65ºC to + 125 ºC
Case Temperature .......................................................... + 125 ºC
DC Voltage ................................................................. + 6.0 Volts
Continuous RF Input Power ........................................... +32 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each
DC Bias (mA)
2.4
4.0 Max.
1dB Compression (dBm)
10 - 100 MHz
18
8 Min.
100 - 1500 MHz
27
20 Min.
Switching Speed (
µsec)
Frequency
5 - 3000 MHz
5 - 3000 MHz
VSWR ‘ON’
1.3:1
1.6:1 Max.
Isolation (dB)
Insertion Loss (dB)
10 - 100 MHz
1.0
1.5 Max.
100 - 1500 MHz
1.2
1.6 Max.
(50% TTL to 90% RF)
2.0
3.0 Max.
12/15/04
1500-3000 MHz
1.4
2.4 Max.
10 - 100 MHz
70
60 Min.
100 - 1500 MHz
45
35 Min.
1500-3000 MHz
35
30 Min.
1500-3000 MHz
30
29 Min.
(4.5 to 5.5 VDC)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWH5017

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWH5017 APITECH-TWH5017 Datasheet
193Kb / 1P
   SP5T RF SWITCH MODEL
More results

Similar Description - TWH5017

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
   SP5T RF Switch
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
   SP5T RF Switch
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
   UltraCMOS짰 SP5T RF Switch
logo
API Technologies Corp
TWH5017 APITECH-TWH5017 Datasheet
193Kb / 1P
   SP5T RF SWITCH MODEL
logo
Integrated Device Techn...
F2915 IDT-F2915 Datasheet
1Mb / 19P
   High Reliability SP5T RF Switch
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452 Datasheet
458Kb / 11P
   SP5T RF Switch 450??000 MHz
logo
DAICO Industries, Inc.
CSWM9096 DAICO-CSWM9096 Datasheet
191Kb / 1P
   Switch SP5T
DSW52179 DAICO-DSW52179 Datasheet
157Kb / 1P
   Switch SP5T
CSW52216 DAICO-CSW52216 Datasheet
161Kb / 1P
   Switch SP5T
logo
API Technologies Corp
310-021005-001 APITECH-310-021005-001 Datasheet
229Kb / 1P
   SP5T SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com